Electronic Components Datasheet Search
  English  ▼

X  

SH7286 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # SH7286
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7286 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button SH7286 Datasheet HTML 104Page - Renesas Technology Corp SH7286 Datasheet HTML 105Page - Renesas Technology Corp SH7286 Datasheet HTML 106Page - Renesas Technology Corp SH7286 Datasheet HTML 107Page - Renesas Technology Corp SH7286 Datasheet HTML 108Page - Renesas Technology Corp SH7286 Datasheet HTML 109Page - Renesas Technology Corp SH7286 Datasheet HTML 110Page - Renesas Technology Corp SH7286 Datasheet HTML 111Page - Renesas Technology Corp SH7286 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1726 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 1.00 Jun. 26, 2008 Page 78 of 1692
REJ09B0393-0100
4.3
Clock Operating Modes
Table 4.2 shows the clock operating modes of this LSI.
Table 4.2
Clock Operating Modes
Clock I/O
Mode
Source
Output
PLL Circuit
Input to Divider
1
EXTAL input or
crystal resonator
CK*
On (
× 8)
× 8
Note:
*
To output the clock through the CK pin, appropriate settings should be made in the
PFC. For details, refer to section 23, Pin Function Controller (PFC).
The frequency of the external clock input from the EXTAL pin is multiplied by 8 in the PLL
circuit before it is supplied to the on-chip modules in this LSI, which eliminates the need to
generate a high-frequency clock outside the LSI. Since the input clock frequency ranging from 10
MHz to 12.5 MHz can be used, the internal clock (I
φ) frequency ranges from 10 MHz to 100
MHz.
Maximum operating frequencies:
I
φ = 100 MHz, Bφ = 50 MHz, Pφ = 50 MHz, Mφ = 100 MHz, Aφ = 50 MHz
Table 4.3 shows the frequency division ratios that can be specified with FRQCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com