Electronic Components Datasheet Search
  English  ▼

X  

SH7286 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # SH7286
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7286 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button SH7286 Datasheet HTML 115Page - Renesas Technology Corp SH7286 Datasheet HTML 116Page - Renesas Technology Corp SH7286 Datasheet HTML 117Page - Renesas Technology Corp SH7286 Datasheet HTML 118Page - Renesas Technology Corp SH7286 Datasheet HTML 119Page - Renesas Technology Corp SH7286 Datasheet HTML 120Page - Renesas Technology Corp SH7286 Datasheet HTML 121Page - Renesas Technology Corp SH7286 Datasheet HTML 122Page - Renesas Technology Corp SH7286 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1726 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 1.00 Jun. 26, 2008 Page 89 of 1692
REJ09B0393-0100
Table 4.6
Crystal Resonator Characteristics
Frequency (MHz)
10
12.5
R
s max. (Ω) (reference value)
60
50
C
0 max. (pF) (reference value)
7
7
4.6.2
External Clock Input Method
Figure 4.4 shows an example of an external clock input connection. Drive the external clock high
when it is stopped in software standby mode. During operation, input an external clock with a
frequency of 10 to 12.5 MHz. Make sure the parasitic capacitance of the XTAL pin is 10 pF or
less.
Even when inputting an external clock, be sure to wait at least for the oscillation settling time in
power-on sequence or in canceling software standby mode, in order to ensure the PLL settling
time.
EXTAL
XTAL
External clock input
Open state
Figure 4.4 Example of External Clock Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com