Electronic Components Datasheet Search
  English  ▼

X  

SH7286 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # SH7286
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7286 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button SH7286 Datasheet HTML 117Page - Renesas Technology Corp SH7286 Datasheet HTML 118Page - Renesas Technology Corp SH7286 Datasheet HTML 119Page - Renesas Technology Corp SH7286 Datasheet HTML 120Page - Renesas Technology Corp SH7286 Datasheet HTML 121Page - Renesas Technology Corp SH7286 Datasheet HTML 122Page - Renesas Technology Corp SH7286 Datasheet HTML 123Page - Renesas Technology Corp SH7286 Datasheet HTML 124Page - Renesas Technology Corp SH7286 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1726 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 1.00 Jun. 26, 2008 Page 91 of 1692
REJ09B0393-0100
4.8
USB Operating Clock (48 MHz)
Connection of a ceramic resonator for USB, input of an external 48-MHz clock signal, and
selection of the internal CPG are available as methods for supplying the USB operating clock.
4.8.1
Connecting a Ceramic Resonator
Figure 4.5 shows an example of the connections for a ceramic resonator.
Rd
Rf
Ceramic
resonator
USBEXTAL
USBXTAL
Ceramic resonator: CSTCZ48M0X11R***-RD
(Murata Manufacturing Co., Ltd.)
Contact your Renesas Technology sales agency for detailes
of Rf and Rd values.
Ta =
−30 to +85 °C
Note:
*** represents a three-digit alphanumeric which express " Individual Specification".
Since the frequency for USB requires high accuracy, the official product name will be
decided to match the frequency after evaluation of oscillation on the board that is
actually to be used.
Please contact your Renesas Technology sales agency.
Figure 4.5 Example of Connecting a Ceramic Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com