Electronic Components Datasheet Search
  English  ▼

X  

SH7286 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7286
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7286 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7286 Datasheet HTML 120Page - Renesas Technology Corp SH7286 Datasheet HTML 121Page - Renesas Technology Corp SH7286 Datasheet HTML 122Page - Renesas Technology Corp SH7286 Datasheet HTML 123Page - Renesas Technology Corp SH7286 Datasheet HTML 124Page - Renesas Technology Corp SH7286 Datasheet HTML 125Page - Renesas Technology Corp SH7286 Datasheet HTML 126Page - Renesas Technology Corp SH7286 Datasheet HTML 127Page - Renesas Technology Corp SH7286 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 1726 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 1.00 Jun. 26, 2008 Page 94 of 1692
REJ09B0393-0100
4.9
Notes on Board Design
4.9.1
Note on Using an External Crystal Resonator
Place the crystal resonator and capacitors CL1 and CL2 as close to the XTAL and EXTAL pins as
possible. In addition, to minimize induction and thus obtain oscillation at the correct frequency,
the capacitors to be attached to the resonator must be grounded to the same ground. Do not bring
wiring patterns close to these components.
CL1
CL2
EXTAL
XTAL
Signal lines prohibited
This LSI
The values for CL1 and CL2
should be determined after
consultation with the crystal
resonator manufacturer.
Note:
Reference value
CL1 = 20 pF
CL2 = 20 pF
Figure 4.9 Note on Using a Crystal Resonator
A circuitry shown in figure 4.10 is recommended as an external circuitry around the PLL. PLLVss
must be separated from Vcc and Vss at the board power supply source. Be sure to insert bypass
capacitors CB and CPB close to the Vcc and Vss pins.
PLLV
SS
V
CL
V
CC
V
SS
CPB = 0.1
µF*
CB = 0.1
µF*
Note: * CB and CPB are laminated ceramic capacitors.
(Recommended values are shown.)
Figure 4.10 Recommended External Circuitry around PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com