Electronic Components Datasheet Search
  English  ▼

X  

M30624FGAFP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M30624FGAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGAFP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M30624FGAFP Datasheet HTML 73Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 74Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 75Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 76Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 77Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 78Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 79Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 80Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupt
1-58
Figure 1.11.7. Operation of saving registers
(2) Stack pointer (SP) contains odd number
[SP]
(Odd)
[SP] – 1 (Even)
[SP] – 2(Odd)
[SP] – 3 (Even)
[SP] – 4(Odd)
[SP] – 5 (Even)
Address
Sequence in which order
registers are saved
(2)
(1)
Finished saving registers
in four operations.
(3)
(4)
(1) Stack pointer (SP) contains even number
[SP]
(Even)
[SP] – 1(Odd)
[SP] – 2 (Even)
[SP] – 3(Odd)
[SP] – 4 (Even)
[SP] – 5 (Odd)
Note: [SP] denotes the initial value of the stack pointer (SP) when interrupt request is acknowledged.
After registers are saved, the SP content is [SP] minus 4.
Address
Program counter (PCM)
Stack area
Flag register (FLGL)
Program counter (PCL)
Sequence in which order
registers are saved
(2) Saved simultaneously,
all 16 bits
(1) Saved simultaneously,
all 16 bits
Finished saving registers
in two operations.
Program counter (PCM)
Stack area
Flag register (FLGL)
Program counter (PCL)
Saved simultaneously,
all 8 bits
Flag register
(FLGH)
Program
counter (PCH)
Flag register
(FLGH)
Program
counter (PCH)
The operation of saving registers carried out in the interrupt sequence is dependent on whether the
content of the stack pointer (Note) , at the time of acceptance of an interrupt request, is even or odd. If
the content of the stack pointer (Note) is even, the content of the flag register (FLG) and the content of the
program counter (PC) are saved, 16 bits at a time. If odd, their contents are saved in two steps, 8 bits at
a time. Figure 1.11.7 shows the operation of the saving registers.
Note: When any INT instruction in software numbers 32 to 63 has been executed, this is the stack pointer
indicated by the U flag. Otherwise, it is the interrupt stack pointer (ISP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com