Electronic Components Datasheet Search
  English  ▼

X  

M30624FGAFP Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M30624FGAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGAFP Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M30624FGAFP Datasheet HTML 93Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 94Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 95Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 96Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 97Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 98Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 99Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 100Page - Renesas Technology Corp M30624FGAFP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer
1-78
Timer
There are eleven 16-bit timers. These timers can be classified by function into timers A (five) and timers B
(six). All these timers function independently. Figures 1.14.1 and 1.14.2 show the block diagram of timers.
• Timer mode
• One-shot timer mode
• PWM mode
• Timer mode
• One-shot timer mode
• PWM mode
• Timer mode
• One-shot timer mode
• PWM mode
• Timer mode
• One-shot timer mode
• PWM mode
• Timer mode
• One-shot timer mode
• PWM mode
• Event counter mode
• Event counter mode
• Event counter mode
• Event counter mode
• Event counter mode
TA0IN
TA1IN
TA2IN
TA3IN
TA4IN
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
f1 f8 f32 fC32
Timer A0 interrupt
Timer A1 interrupt
Timer A2 interrupt
Timer A3 interrupt
Timer A4 interrupt
Noise
filter
Noise
filter
Noise
filter
Noise
filter
Noise
filter
1/32
fC32
1/8
1/4
f1
f8
f32
XIN
XCIN
Clock prescaler reset flag (bit 7
at address 038116) set to “1”
Reset
Clock prescaler
Timer B2 overflow
Note 1: The TA0IN pin (P71) is shared with RxD2 and the TB5IN pin, so be careful.
Figure 1.14.1. Timer A block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com