Electronic Components Datasheet Search
  English  ▼

X  

4524 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 4524
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 720 FAMILY / 4500 SERIES
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4524 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 4524 Datasheet HTML 11Page - Renesas Technology Corp 4524 Datasheet HTML 12Page - Renesas Technology Corp 4524 Datasheet HTML 13Page - Renesas Technology Corp 4524 Datasheet HTML 14Page - Renesas Technology Corp 4524 Datasheet HTML 15Page - Renesas Technology Corp 4524 Datasheet HTML 16Page - Renesas Technology Corp 4524 Datasheet HTML 17Page - Renesas Technology Corp 4524 Datasheet HTML 18Page - Renesas Technology Corp 4524 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 310 page
background image
Rev.2.00
Aug, 06 2004
4524 Group
HARDWARE
REJ09B0107-0200Z
1-2
DESCRIPTION
The 4524 Group is a 4-bit single-chip microcomputer designed with
CMOS technology. Its CPU is that of the 4500 series using a
simple, high-speed instruction set. The computer is equipped with
main clock selection function, serial I/O, four 8-bit timers (each
timer has one or two reload registers), 10-bit A/D converter, inter-
rupts, and LCD control circuit.
The various microcomputers in the 4524 Group include variations
of the built-in memory size as shown in the table below.
FEATURES
qMinimum instruction execution time .................................. 0.5
µs
(at 6 MHz oscillation frequency, in high-speed through-mode)
qSupply voltage
Mask ROM version ...................................................... 2.0 to 5.5 V
One Time PROM version ............................................. 2.5 to 5.5 V
(It depends on oscillation frequency and operation mode)
qTimers
Timer 1 ...................................... 8-bit timer with a reload register
Timer 2 ...................................... 8-bit timer with a reload register
Timer 3 ...................................... 8-bit timer with a reload register
Timer 4 ................................. 8-bit timer with two reload registers
Timer 5 .............................. 16-bit timer (fixed dividing frequency)
Part number
M34524M8-XXXFP
M34524MC-XXXFP
M34524EDFP (Note)
ROM type
Mask ROM
Mask ROM
One Time PROM
Package
64P6N-A
64P6N-A
64P6N-A
RAM size
(✕ 4 bits)
512 words
512 words
512 words
ROM (PROM) size
(✕ 10 bits)
8192 words
12288 words
16384 words
q Interrupt ........................................................................ 9 sources
q Key-on wakeup function pins ................................................... 10
q LCD control circuit
Segment output ........................................................................ 20
Common output .......................................................................... 4
q Serial I/O ......................................................................... 8-bit ✕ 1
q A/D converter .............. 10-bit successive approximation method
q Voltage drop detection circuit (Reset) ......................... Typ. 3.5 V
q Watchdog timer
q Clock generating circuit
Main clock
(ceramic resonator/RC oscillation/on-chip oscillator)
Sub-clock
(quartz-crystal oscillation)
q LED drive directly enabled (port D)
APPLICATION
Household appliance, consumer electronics, office automation
equipment
Note: Shipped in blank.
DESCRIPTION/FEATURES/APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com