Electronic Components Datasheet Search
  English  ▼

X  

M30624FGLGP Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M30624FGLGP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGLGP Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M30624FGLGP Datasheet HTML 37Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 38Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 39Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 40Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 41Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 42Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 43Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 44Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory Space Expansion Functions
26
The data bank register is made up of the bank selection bits (bits 5 through 3) and the offset bit (bit 2). The
bank selection bits are used to set a bank number for accessing data lying between 4000016 and
BFFFF16. Assigning 1 to the offset bit provides the means to set offsets covering 4000016.
Figure 1.8.5 shows the memory location and chip select areas in expansion mode 2.
_______
The area relevant to CS0 ranges from 4000016 through FFFFF16. As for the area from 4000016 through
_______
BFFFF16, the bank number set by use of the bank selection bits are output from the output terminals CS3
_______
_______
_______
- CS1 only in accessing data. In fetching a program, bank 7 (1112) is output from CS3 - CS1. As for the
_______
_______
area from C000016 through FFFFF16, bank 7 (1112) is output from CS3 - CS1 without regard to accessing
data or to fetching a program.
_______
_______
_______
In accessing an area irrelevant to CS0, a chip select signal CS3 (400016 - 7FFF16), CS2 (800016 -
_______
27FFF16), and CS1 (2800016 - 3FFFF16) is output depending on the address as in the past.
Figure 1.8.6 shows an example of connecting the MCU with a 4-M byte ROM and to a 128-K byte SRAM.
_______
_______
_______
_______
Connect the chip select of 4-M byte ROM with CS0. Connect M16C’s CS3, CS2, and CS1 with address
inputs AD21, AD20, and AD19 respectively. Connect M16C’s output A19 with address input AD18. Fig-
ure 1.8.7 shows the relationship between addresses of the 4-M byte ROM and those of M16C.
An example of connecting the MCU with
external memories in expansion mode 2
(M30622MC, Microprocessor mode)
17
8
D0 to D7
A0 to A16
A17
RD
WR
CS1
CS2
CS3
CS0
A19
DQ0 to DQ7
AD0 to AD16
AD17
AD18
AD19
OE
CS
DQ0 to DQ7
AD0 to AD16
S2
W
OE
S1
AD20
AD21
Note: If only one chip select terminal (S1 or S2) is present,
decoding by use of an external circuit is required.
In this mode, memory is
banked every 512 K bytes,
so that data access in differ-
ent banks requires switching
over banks. However, data
on bank boundaries when
offset bit = 0 can be ac-
cessed successively by set-
ting the offset bit to 1, be-
cause in which case the
memory address is offset by
4000016. For example, two
bytes of data located at ad-
dresses 0FFFFF 16 and
10000016 of 4-Mbyte ROM
can be accessed succes-
sively without having to
change the bank bit by set-
ting the offset bit to 1 and
then accessing addresses
07FFFF16 and 80000016.
On the other hand, the
SRAM’s chip select assumes
_______
that CS0=1 (not selected)
_______
and CS2=0 (selected), so
_______
connect CS0 with S2 and
_______
____
CS2 with S1. If the SRAM
doesn’t have a bipolar chip
select input terminal, decode
_______
_______
CS0 and CS2 externally.
Figure 1.8.6. An example of connecting the MCU with external
memories in expansion mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com