| Electronic Components Datasheet Search |
|
M30624FGLGP Datasheet(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30624FGLGP Datasheet(HTML) 8 Page - Renesas Technology Corp |
|
8 / 621 page ![]() 2.1.1 Overview .............................................................................................................................. 276 2.1.2 Protect Operation ................................................................................................................. 278 2.2 Timer A ....................................................................................................................................... 280 2.2.1 Overview .............................................................................................................................. 280 2.2.2 Operation of Timer A (timer mode) ...................................................................................... 286 2.2.3 Operation of Timer A (timer mode, gate function selected) ................................................. 288 2.2.4 Operation of Timer A (timer mode, pulse output function selected) .................................... 290 2.2.5 Operation of Timer A (event counter mode, reload type selected) ...................................... 292 2.2.6 Operation of Timer A (event counter mode, free run type selected) .................................... 294 2.2.7 Operation of timer A (2-phase pulse signal process in event counter mode, nomal mode) ............ 296 2.2.8 Operation of timer A (2-phase pulse signal process in event counter mode, multiply by-4 mode selected ..................................................................................................................... 298 2.2.9 Operation of Timer A (one-shot timer mode) ....................................................................... 300 2.2.10 Operation of Timer A (one-shot timer mode, external trigger selected) ............................. 302 2.2.11 Operation of Timer A (pulse width modulation mode, 16-bit PWM mode selected) .......... 304 2.2.12 Operation of Timer A (pulse width modulation mode, 8-bit PWM mode selected) ............ 306 2.2.13 Precautions for Timer A (timer mode) ................................................................................ 308 2.2.14 Precautions for Timer A (event counter mode) .................................................................. 309 2.2.15 Precautions for Timer A (one-shot timer mode) ................................................................. 310 2.2.16 Precautions for Timer A (pulse width modulation mode) ................................................... 311 2.3 Timer B ....................................................................................................................................... 312 2.3.1 Overview .............................................................................................................................. 312 2.3.2 Operation of Timer B (timer mode) ...................................................................................... 316 2.3.3 Operation of Timer B (event counter mode) ........................................................................ 318 2.3.4 Operation of Timer B (pulse period measurement mode) ................................................... 320 2.3.5 Operation of Timer B (pulse width measurement mode) ..................................................... 322 2.3.6 Precautions for Timer B (timer mode, event counter mode) ................................................ 324 2.3.7 Precautions for Timer B (pulse period/pulse width measurement mode) ........................... 325 2.4 Clock-Synchronous Serial I/O ..................................................................................................... 326 2.4.1 Overview .............................................................................................................................. 326 2.4.2 Operation of Serial I/O (transmission in clock-synchronous serial I/O mode) ..................... 334 2.4.3 Operation of the Serial I/O (transmission in clock-synchronous serial I/O mode, transfer clock output from multiple pins function selected) .................................................... 338 2.4.4 Operation of Serial I/O (reception in clock-synchronous serial I/O mode) ........................... 342 2.4.5 Precautions for Serial I/O (in clock-synchronous serial I/O) ................................................ 346 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |