Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 339Page - Renesas Technology Corp 7540 Datasheet HTML 340Page - Renesas Technology Corp 7540 Datasheet HTML 341Page - Renesas Technology Corp 7540 Datasheet HTML 342Page - Renesas Technology Corp 7540 Datasheet HTML 343Page - Renesas Technology Corp 7540 Datasheet HTML 344Page - Renesas Technology Corp 7540 Datasheet HTML 345Page - Renesas Technology Corp 7540 Datasheet HTML 346Page - Renesas Technology Corp 7540 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 366 page
background image
3-121
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.6 Package outline
SSOP36-P-450-0.80
Weight(g)
–
JEDEC Code
0.53
EIAJ Package Code
Lead Material
Alloy 42
36P2R-A
Plastic 36pin 450mil SSOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
–
–
.35
0
.05
0
.13
0
.8
14
.2
8
–
.63
11
.3
0
–
–
–
.27
1
–
–
.0
2
.4
0
.15
0
.0
15
.4
8
.8
0
.93
11
.5
0
.765
1
–
.43
11
–
–
.4
2
–
.5
0
.2
0
.2
15
.6
8
–
.23
12
.7
0
–
.15
0
–
b2
–
.5
0
–
–
0
°
–
10
°
e
e1
36
19
18
1
D
e
y
F
A
A2
A1
c
e
b2
Recommended Mount Pad
Detail F
z
Z1
Detail G
–
–
Z1
0.7
–
–
0.85
z
b
G
Recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com