Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 335Page - Renesas Technology Corp 7540 Datasheet HTML 336Page - Renesas Technology Corp 7540 Datasheet HTML 337Page - Renesas Technology Corp 7540 Datasheet HTML 338Page - Renesas Technology Corp 7540 Datasheet HTML 339Page - Renesas Technology Corp 7540 Datasheet HTML 340Page - Renesas Technology Corp 7540 Datasheet HTML 341Page - Renesas Technology Corp 7540 Datasheet HTML 342Page - Renesas Technology Corp 7540 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 366 page
background image
3-117
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.5 List of registers
Fig. 3.5.34 Structure of CPU mode register
b7b6b5b4b3b2b1b0
B
Function
At reset
RW
0
2
3
4
5
6
7
Name
0
0
0
1
CPU mode register (CPUM) [Address : 3B16]
CPU mode register
0
0
0
0 0 : Single-chip mode
0 1 : Not available
1 0 : Not available
1 1 : Not available
b1 b0
1
0
Processor mode bits (Note 1)
0 : Ceramic oscillation
1 : RC oscillation
0 : 0 page
1 : 1 page
Stack page selection bit
Oscillation mode selection bit
(Note 1)
Clock division ratio selection
bits
0 0 :
φ = f(XIN)/2
(high-speed mode)
0 1 :
φ = f(XIN)/8
(middle-speed mode)
1 0 : Applied from on-chip oscillator
1 1 :
φ = f(XIN)
(double-speed mode)
(Note 2)
b7 b6
0 : Ceramic or RC oscillation enabled
1 : Ceramic or RC oscillation stop
Notes 1: The bit can be rewritten only once after releasing reset. After rewriting it is
disable to write any data to the bit. However, by reset the bit is initialized and
can be rewritten, again.
(It is not disable to write any data to the bit for emulator MCU “M37540RSS”.)
2: These bits are used only when a ceramic oscillation is selected.
Do not use these when an RC oscillation is selected.
On-chip oscillator oscillation
control bit
0 : On-chip oscillator oscillation enabled
1 : On-chip oscillator oscillation stop
XIN oscillation control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com