Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 331Page - Renesas Technology Corp 7540 Datasheet HTML 332Page - Renesas Technology Corp 7540 Datasheet HTML 333Page - Renesas Technology Corp 7540 Datasheet HTML 334Page - Renesas Technology Corp 7540 Datasheet HTML 335Page - Renesas Technology Corp 7540 Datasheet HTML 336Page - Renesas Technology Corp 7540 Datasheet HTML 337Page - Renesas Technology Corp 7540 Datasheet HTML 338Page - Renesas Technology Corp 7540 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 366 page
background image
3-113
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.5 List of registers
Fig. 3.5.27 Structure of Serial I/O2 register
Fig. 3.5.26 Structure of Serial I/O2 control register
b7b6b5b4b3 b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
Serial I/O2 control register (SIO2CON) [Address : 3016]
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is “0”.
✕
✕
Serial I/O2 control register
0
0
Note: When using it as a SDATA input, set the port P13 direction register bit to “0”.
0 : LSB first
1 : MSB first
0 0 0 : f(XIN)/8
0 0 1 : f(XIN)/16
0 1 0 : f(XIN)/32
0 1 1 : f(XIN)/64
1 1 0 : f(XIN)/128
1 1 1 : f(XIN)/256
Internal synchronous
clock selection bits
Transfer direction selection bit
b2 b1 b0
SDATA2 pin selection bit
(Note)
0 : I/O port / SDATA2 input
1 : SDATA2 output
SCLK2 pin selection bit
0 : External clock (SCLK2 is input)
1 : Internal clock (SCLK2 is output)
Transmit / receive shift
completion flag
0 : shift in progress
1 : shift completed
0
0
Serial I/O2 register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
?
?
?
?
?
?
?
?
Serial I/O2 register (SIO2) [Address : 31 16]
A shift register for serial transmission and reception.
• At transmitting : Set a transmission data.
• At receiving : A reception data is stored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com