Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 333Page - Renesas Technology Corp 7540 Datasheet HTML 334Page - Renesas Technology Corp 7540 Datasheet HTML 335Page - Renesas Technology Corp 7540 Datasheet HTML 336Page - Renesas Technology Corp 7540 Datasheet HTML 337Page - Renesas Technology Corp 7540 Datasheet HTML 338Page - Renesas Technology Corp 7540 Datasheet HTML 339Page - Renesas Technology Corp 7540 Datasheet HTML 340Page - Renesas Technology Corp 7540 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 366 page
background image
3-115
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.5 List of registers
Fig. 3.5.31 Structure of MISRG
Fig. 3.5.30 Structure of A/D conversion register (high-order)
A/D conversion register (high-order)
b7b6b5b4b3 b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
?
?
?
?
?
?
?
?
A/D conversion register (high-order) (ADH) [Address : 3616]
The read-only register in which the A/D conversion’s results are
stored.
✕
✕
✕
✕
✕
✕
✕
✕
< 10-bit read>
b7
b9
b0
b8
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
MISRG [Address : 3816]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
✕
MISRG
Oscillation stabilization time
set bit after release of the
STP instruction
0
0 : Set “0116” in timer 1, and
“FF16” in prescaler 1
automatically
1 : Not set automatically
These are reserved bits.
Do not write “1” to these bits.
0
0
(Note)
✕
✕
✕
✕
✕
0 : Oscillation stop not detected
1 : Oscillation stop detected
Ceramic or RC oscillation stop
detection function active bit
0 : Detection function inactive
1 : Detection function active
Oscillation stop detection
status bit
Note: “0” at normal reset
“1” at reset by detecting the oscillation stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com