Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 330Page - Renesas Technology Corp 7540 Datasheet HTML 331Page - Renesas Technology Corp 7540 Datasheet HTML 332Page - Renesas Technology Corp 7540 Datasheet HTML 333Page - Renesas Technology Corp 7540 Datasheet HTML 334Page - Renesas Technology Corp 7540 Datasheet HTML 335Page - Renesas Technology Corp 7540 Datasheet HTML 336Page - Renesas Technology Corp 7540 Datasheet HTML 337Page - Renesas Technology Corp 7540 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 366 page
background image
3-112
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.5 List of registers
Fig. 3.5.25 Structure of Timer count source set register
b7b6b5b4b3b2b1b0
BFunction
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
Timer count source set register (TCSS) [Address : 2E16]
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is “0”.
Timer count source set register
Timer X count source
selection bits
0
0
0
b1 b0
0 0 : f(XIN)/16
0 1 : f(XIN)/2
1 0 : f(XIN) (Note 1)
1 1 : Not available
0
Timer Y count source
selection bits
Timer Z count source
selection bits
Notes 1: f(XIN) can be used as timer X count source only when using a ceramic
oscillator or on-chip oscillator.
Do not use it at RC oscillation.
2: System operates using an on-chip oscillator as a count source by setting the
on-chip oscillator to oscillation enabled by bit 3 of CPUM.
Fix this bit to “0”.
b5 b4
0 0 : f(XIN)/16
0 1 : f(XIN)/2
1 0 : Timer Y underflow
1 1 : Not available
b3 b2
0 0 : f(XIN)/16
0 1 : f(XIN)/2
1 0 : On-chip oscillator output
(Note 2)
1 1 : Not available
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com