Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 105Page - Renesas Technology Corp 7540 Datasheet HTML 106Page - Renesas Technology Corp 7540 Datasheet HTML 107Page - Renesas Technology Corp 7540 Datasheet HTML 108Page - Renesas Technology Corp 7540 Datasheet HTML 109Page - Renesas Technology Corp 7540 Datasheet HTML 110Page - Renesas Technology Corp 7540 Datasheet HTML 111Page - Renesas Technology Corp 7540 Datasheet HTML 112Page - Renesas Technology Corp 7540 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 366 page
background image
2-33
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.2 Timer A
Fig. 2.2.25 Example of control procedure (1)
“1F16”
“4E16”
1 1
CLI
0
RESET
Timer A division
ratio (fixed)
Timer A
setting value
SEI
CLD
CLT
CPUM(Address 3B16)
← 10000X002
Wait until f(XIN) oscillation is stabilized (Note 1)
CPUM(Address 3B16)
← 00000X002
1 1
1
1
N
Y
CNTR1 interrupt occurs at rising edge and falling
edge of waveform which is input to P00/CNTR1 pin
Timer A interrupt occurs at timer A
underflow (at every 50 ms)
A ringing pulse exists ?
(Ringer flag = “1”?)
Processing when a ringing pulse exists
Main processing
Main processing
Set timer A mode register
TAM(Address 1D16)
Timer A count start
TAM(Address 1D16)
Pulse width HL continuously
measurement mode
Timer A count stop
Set timer A mode register
Set port P00 to the input mode.
PULL(Address 1616)
P00 pull-up control bit
0: Pull-up Off
1: Pull-up On
Set pull-up control register
INTEDGE(Address 3A16)
Key-on wakeup disabled
CNTR1 interrupt processing
Timer A interrupt processing
Set “0” to the timer A interrupt enable bit.
(Timer A interrupt disabled)
Set “0” to the CNTR1 interrupt enable bit.
(CNTR1 interrupt disabled)
Initialization
X: This bit is not used here. Set it to “0” or “1” arbitrary.
Notes 1: For the concrete time, ask the oscillator manufacture.
2: When setting the value to timer A, set in order of low-order byte
and high-order byte following.
3: 50 ms = 1/6.4 MHz ✕ 16 ✕ (4E1F16 + 1)
Timer A (low-order) (Address 1E16)
Set value to timer A (Notes 2, 3)
Timer A (high-order) (Address 1F16)
Set interrupt edge selection register
Set “1” to the CNTR1 interrupt enable bit.
(CNTR1 interrupt enabled)
Set “1” to the timer A interrupt enable bit.
(Timer A interrupt enabled)
Set “0” to the CNTR1 interrupt request bit.
Set “0” to the timer A interrupt request bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com