Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 106Page - Renesas Technology Corp 7540 Datasheet HTML 107Page - Renesas Technology Corp 7540 Datasheet HTML 108Page - Renesas Technology Corp 7540 Datasheet HTML 109Page - Renesas Technology Corp 7540 Datasheet HTML 110Page - Renesas Technology Corp 7540 Datasheet HTML 111Page - Renesas Technology Corp 7540 Datasheet HTML 112Page - Renesas Technology Corp 7540 Datasheet HTML 113Page - Renesas Technology Corp 7540 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 366 page
background image
2-34
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.2 Timer A
Fig. 2.2.26 Example of control procedure (2)
CNTR1 interrupt processing routine
T h e n u m b e r o f u n d e rflo w is w ith in th e ra n g e ?
(“1 2 ” o r m o re a n d le ss th a n “4 3 ”)
N
N
Y
Y
When judging that a ringing pulse exists as
a result of several period measurement, set
“1” to the ringing flag.
N
Set “0” to the “H” width decision flag and
the “L” width decision flag.
* Error processing
When P00/CNTR1 = “0”,
“H” duration measuring is finished.
Y
* Error processing
Set “1” to the unusual value detection flag
RTI
T h e n u m b e r o f a p e rio d ’s
u n d e rflo w is w ith in th e ra n g e ?
(“2 0 ” o r m o re a n d le ss th a n “5 9 ”)
Timer A interrupt processing routine
Count the number of underflows
RTI
Set “1” to the “L” width decision flag.
Set “1” to the “H” width decision flag.
T h e n u m b e r o f u n d e rflo w is w ith in th e ra n g e ?
(“4 ” o r m o re a n d le s s th a n “2 3 ”)
L e v e l o f P 00/C N T R 1 is c h e cke d , a n d w h ich
d u ra tio n m e a su rin g is fin is h e d is ju d g e d .
When P00/CNTR1 = “1”,
“L” duration measuring is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com