Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 314Page - Renesas Technology Corp 7540 Datasheet HTML 315Page - Renesas Technology Corp 7540 Datasheet HTML 316Page - Renesas Technology Corp 7540 Datasheet HTML 317Page - Renesas Technology Corp 7540 Datasheet HTML 318Page - Renesas Technology Corp 7540 Datasheet HTML 319Page - Renesas Technology Corp 7540 Datasheet HTML 320Page - Renesas Technology Corp 7540 Datasheet HTML 321Page - Renesas Technology Corp 7540 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 366 page
background image
3-96
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.4 Countermeasures against noise
(2) Installing oscillator away from signal lines where potential levels change frequently
Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential
levels change frequently. Also, do not cross such signal lines over the clock lines or the signal lines
which are sensitive to noise.
q Reason
Signal lines where potential levels change frequently (such as the CNTR pin signal line) may affect
other lines at signal rising edge or falling edge. If such lines cross over a clock line, clock waveforms
may be deformed, which causes a microcomputer failure or a program runaway.
3) Oscillator protection using VSS pattern
As for a two-sided printed circuit board, print a VSS pattern on the underside (soldering side) of the
position (on the component side) where an oscillator is mounted.
Connect the VSS pattern to the microcomputer VSS pin with the shortest possible wiring. Besides,
separate this VSS pattern from other VSS patterns.
XIN
XOUT
VSS
CNTR
Do not cross
N.G.
XIN
XOUT
VSS
An example of VSS patterns on the
underside of a printed circuit board
Oscillator wiring
pattern example
Separate the VSS line for oscillation from other VSS lines
3.4.5 Setup for I/O ports
Setup I/O ports using hardware and software as
follows:
<Hardware>
• Connect a resistor of 100
Ω or more to an
I/O port in series.
<Software>
• As for an input port, read data several times
by a program for checking whether input
levels are equal or not.
• As for an output port, since the output data
may reverse because of noise, rewrite data
to its port latch at fixed periods.
• Rewrite data to direction registers and pull-
up control registers at fixed periods.
Note: When a direction register is set for input port
again at fixed periods, a several-nanosecond
short pulse may be output from this port. If this
is undesirable, connect a capacitor to this port
to remove the noise pulse.
Fig. 3.4.10 VSS pattern on the underside of an oscillator
Fig. 3.4.9 Wiring of signal lines where potential
levels change frequently
Fig. 3.4.11 Setup for I/O ports
Direction register
Port latch
Data bus
I/O port
pins
Noise
Noise
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com