Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 316Page - Renesas Technology Corp 7540 Datasheet HTML 317Page - Renesas Technology Corp 7540 Datasheet HTML 318Page - Renesas Technology Corp 7540 Datasheet HTML 319Page - Renesas Technology Corp 7540 Datasheet HTML 320Page - Renesas Technology Corp 7540 Datasheet HTML 321Page - Renesas Technology Corp 7540 Datasheet HTML 322Page - Renesas Technology Corp 7540 Datasheet HTML 323Page - Renesas Technology Corp 7540 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 366 page
background image
3-98
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.5 List of registers
3.5 List of registers
Fig. 3.5.1 Structure of Port Pi (i = 0, 2, 3)
Fig. 3.5.2 Structure of Port P1
Port Pi
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port Pi0
Port Pi1
Port Pi2
Port Pi3
Port Pi4
Port Pi5
Port Pi6
Port Pi7
In output mode
Write
Read
q
Port latch
In input mode
Write : Port latch
Read : Value of pins
q
Port Pi (Pi) (i = 0, 2, 3) [Address : 00 16, 0416, 0616]
?
?
?
?
?
?
?
?
Note: The 32-pin package versions have nothing to be allocated for the following:
•Bits 6 and 7 of port P2
•Bits 5 and 6 of port P3.
Port P1
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port P10
Port P11
Port P12
Port P13
Port P14
In output mode
Write
Read
q
Port latch
In input mode
Write : Port latch
Read : Value of pins
q
Port P1 (P1) [Address : 02 16]
?
?
?
?
?
?
?
?
✕✕
✕✕
✕✕
Nothing is allocated for these bits.
When these bits are read out, the values are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com