Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 51Page - Renesas Technology Corp 7220 Datasheet HTML 52Page - Renesas Technology Corp 7220 Datasheet HTML 53Page - Renesas Technology Corp 7220 Datasheet HTML 54Page - Renesas Technology Corp 7220 Datasheet HTML 55Page - Renesas Technology Corp 7220 Datasheet HTML 56Page - Renesas Technology Corp 7220 Datasheet HTML 57Page - Renesas Technology Corp 7220 Datasheet HTML 58Page - Renesas Technology Corp 7220 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 303 page
background image
2-28
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.5 Interrupts
(7)
Timer 3 interrupt
Timer 3 value is counted down. Timer 3 interrupt request occurs when the count source next to “0016”
is input.
(8)
Timer 2 interrupt
Timer 2 value is counted down. Timer 2 interrupt request occurs when a count source next to “0016”
is input
(9)
Timer 1 interrupt
Timer 1 value is counted down. Timer 1 interrupt request occurs when a count source next to “0016”
is input.
(10) Serial I/O interrupt
The serial I/O interrupt request is generated by detecting a rising edge of the eighth serial transfer
clock after writing to the serial I/O register.
(11) Multi-master I2C-BUS interface interrupt
A multi-master interrupt request occurs synchronized with a falling edge serial clock (SCL) every
completion of 1-byte data communication.
(12) INT3 interrupt
An INT3 interrupt request is generated by detecting a transition in the level on pin INT3 (external
interrupt input).
Detecting either positive polarity (LOW to HIGH transition) or negative polarity (HIGH to LOW transition)
to be detected is set with RE5 (the interrupt input polarity register: bit 5 at address 00F916). When
RE5 is set to “0,” a positive polarity is detected, when RE5 is set to “1,” a negative polarity is
detected.
Pin INT3 is also used for port P15 and pin A-D1. An INT3 interrupt by a level transition on the pin
may cause software runaway. Therefore, when this pin is used as port P15, disable an INT3 interrupt
by using an interrupt enable bit and interrupt disable flag (1).
(13) BRK instruction interrupt
This software interrupt has the least significant priority and generates an interrupt request is generated
by executing when the BRK instruction. There is no corresponding interrupt enable bit and no
influence by the interrupt disable flag (I).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com