Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 84Page - Renesas Technology Corp 7220 Datasheet HTML 85Page - Renesas Technology Corp 7220 Datasheet HTML 86Page - Renesas Technology Corp 7220 Datasheet HTML 87Page - Renesas Technology Corp 7220 Datasheet HTML 88Page - Renesas Technology Corp 7220 Datasheet HTML 89Page - Renesas Technology Corp 7220 Datasheet HTML 90Page - Renesas Technology Corp 7220 Datasheet HTML 91Page - Renesas Technology Corp 7220 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 303 page
background image
2-61
2.9 A-D comparator
7220 Group User’s Manual
A-D control register 1
Bits 0 to 2
Comparator control
Data bus
Bit 4
Switch tree
A-D control
register 2
Resistor ladder
Compa-
rator
Analog
signal
switch
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
A-D control
register 1
P15/A-D1/INT3
P16/A-D2
P17/A-D3
P06/INT2/A-D4
P30/A-D5
P31/A-D6
2.9 A-D comparator
The M37221M6-XXXSP/FP has A-D comparator consists of the 6-bit D-A converter by resistance string
method and a comparator. Figure 2.9.1 shows the A-D comparator block diagram.
Fig. 2.9.1 A-D comparator block diagram
The following explains A-D comparison method.
Œ Set “0” to corresponding bits of the direction register to use ports as analog input pins.
 Select the analog input pin with bits 0 to 2 of A-D control register 1 (address 00EE16).
Ž Set the comparison voltage “Vref” for D-A conversion by bits 0 to 5 of A-D control register 2 (address
00EF16). Table 2.9.1 shows the Vref values corresponding to the set values above.
A-D comparison starts by writing to A-D control register 2.
 This voltage comparison needs for 16 machine cycles (NOP instruction ! 8).
 The comparison result is stored in bit 4 of the A-D control register 1 (address 00EE16).
When the input voltage value is lower than the comparison voltage value, bit 4 is cleared to “0”; when the
input voltage value is higher than the comparison voltage value, bit 4 is set to “1” (refer to “Figure 2.9.2”).
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com