Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 132Page - Renesas Technology Corp 7220 Datasheet HTML 133Page - Renesas Technology Corp 7220 Datasheet HTML 134Page - Renesas Technology Corp 7220 Datasheet HTML 135Page - Renesas Technology Corp 7220 Datasheet HTML 136Page - Renesas Technology Corp 7220 Datasheet HTML 137Page - Renesas Technology Corp 7220 Datasheet HTML 138Page - Renesas Technology Corp 7220 Datasheet HTML 139Page - Renesas Technology Corp 7220 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 303 page
background image
3-8
7220 Group User’s Manual
ELECTRICAL CHARACTERISTICS
3.1 Electrical characteristics
3.2 Standard characteristics
100.00
0.000
0.000
LOW level output voltage V OL [V]
VCC=5.5V
VCC=4.5V
6.000
4.800
3.600
2.400
1.200
4. Ports P11–P14
(a) IOL–VOL characteristics
20.00
40.00
60.00
80.00
–
100.00
0.000
0.000
HIGH level output voltage V OH [V]
VCC=5.5V
VCC=4.5V
6.000
4.800
3.600
2.400
1.200
(b) IOH–VOH characteristics
20.00
40.00
60.00
80.00
–
–
–
–
–
––
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com