Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 140Page - Renesas Technology Corp 7220 Datasheet HTML 141Page - Renesas Technology Corp 7220 Datasheet HTML 142Page - Renesas Technology Corp 7220 Datasheet HTML 143Page - Renesas Technology Corp 7220 Datasheet HTML 144Page - Renesas Technology Corp 7220 Datasheet HTML 145Page - Renesas Technology Corp 7220 Datasheet HTML 146Page - Renesas Technology Corp 7220 Datasheet HTML 147Page - Renesas Technology Corp 7220 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 303 page
background image
M37220M3-XXXSP/FP
4.3 Pin description
7220 Group User’s Manual
4-6
4.3 Pin description
The pin description of M37220M3-XXXSP/FP is shown in Table 4.3.1.
Table 4.3.1 Pin description (1)
Power source
CNVSS
Reset input
Clock input
Clock output
I/O port P0
PWM output
External
interrupt input
Analog input
I/O port P1
Analog input
External
interrupt input
VCC,
VSS
CNVSS
RESET
XIN
XOUT
P00
PWM0–
P05/
PWM5,
P0 6/INT2/
A-D4,
P07/INT1
P11–P14,
P15/A-D1/
INT3,
P16/A-D2,
P17/A-D3
Input
Input
Output
I/O
Output
Input
Input
I/O
Input
Input
Pin
Name
Input/
Output
Functions
Apply voltage of 5 V ± 10 % (typical) to VCC, and 0 V to VSS.
This is connected to VSS.
To enter the reset state, the reset input pin must be kept at a “L” for
2
µs or more (under normal VCC conditions).
If more time is needed for the quartz-crystal oscillator to stabilize, this
“L” condition should be maintained for the required time.
This chip has an internal clock generating circuit. To control generating
frequency, an external ceramic resonator or a quartz-crystal oscillator
is connected between pins XIN and XOUT. If an external clock is used,
the clock source should be connected to the XIN pin and the XOUT pin
should be left open.
Port P0 is an 8-bit I/O port with direction register allowing each I/O bit
to be individually programmed as input or output. At reset, this port is
set to input mode. The output structure is N-channel open-drain output.
The note out of this Table gives a full of port P0 function.
Pins P00–P05 are also used as PWM output pins PWM0–PWM5
respectively. The output structure is N-channel open-drain output.
Pins P06 , P07 are also used as external interrupt input pins INT2,
INT1 respectively.
P06 pin is also used as analog input pin A-D4.
Port P1 is an 8-bit I/O port and has basically the same functions as
port P0. The output structure is CMOS output.
Pins P15–P17 are also used as analog input pins A-D1 to A-D3
respectively.
P15 pin is also used as external interrupt input pin INT3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com