Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 256Page - Renesas Technology Corp 7220 Datasheet HTML 257Page - Renesas Technology Corp 7220 Datasheet HTML 258Page - Renesas Technology Corp 7220 Datasheet HTML 259Page - Renesas Technology Corp 7220 Datasheet HTML 260Page - Renesas Technology Corp 7220 Datasheet HTML 261Page - Renesas Technology Corp 7220 Datasheet HTML 262Page - Renesas Technology Corp 7220 Datasheet HTML 263Page - Renesas Technology Corp 7220 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.7 Control registers
6-41
Fig. 6.7.18 Color register n
b7 b6 b5 b4 b3 b2 b1 b0
Color register n (CO0 to CO3) (n = 0 to 3) [Addresses 00E616 to 00E916]
B
Name
Functions
After reset R W
Color Register n
0
0
1
B signal output
selection bit (COn1)
0 : No character is output
1 : Character is output
0
2
G signal output
selection bit (COn2)
0 : No character is output
1 : Character is output
0
3
R signal output
selection bit (COn3)
0 : No character is output
1 : Character is output
0
4
B signal output (background)
selection bit (COn4)
0 : No background color is output
1 : Background color is output
0
5
OUT1 signal output
control bit (COn5)
0 : Character is output
1 : Blank is output
0
6
G signal output (background)
selection bit (COn6)
0 : No background color is output
1 : Background color is output
0
7
R signal output (background)
selection bit (COn7)
0 : No background color is output
1 : Background color is output
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
(See note 1)
(See notes 1, 2)
(See note 2)
Notes 1: When bit 5 = “0” and bit 4 = “1,” there is output same as a character or border output
from the OUT1 pin.
Do not set bit 5 = “0” and bit 4 = “0.”
2: When only bit 7 = “1” and bit 5 = “0,” there is output from the OUT2 pin.
R—
RW
RW
RW
RW
RW
RW
RW
(See note 3)
3: M37220M3-XXXSP/FP
4
0
5
OUT signal output
control bit (COn5)
0 : Character is output
1 : Blank is output
0
6, 7 Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
R—
RW
R—
Addresses 00E616 to 00E916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com