Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 288Page - Renesas Technology Corp 7220 Datasheet HTML 289Page - Renesas Technology Corp 7220 Datasheet HTML 290Page - Renesas Technology Corp 7220 Datasheet HTML 291Page - Renesas Technology Corp 7220 Datasheet HTML 292Page - Renesas Technology Corp 7220 Datasheet HTML 293Page - Renesas Technology Corp 7220 Datasheet HTML 294Page - Renesas Technology Corp 7220 Datasheet HTML 295Page - Renesas Technology Corp 7220 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.11 Mask ROM ordering method
6-73
GZZ–SH09–46B< 52C0 >
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37221M6-XXXSP/FP
MITSUBISHI ELECTRIC
The structure of character ROM (divided of 12 !16 dots font)
Example
Character code
“1A16”
Example
101A016
to
101AF16
b7 b6 b5 b4 b3 b2 b1 b0
b7 b6 b5 b4 b3 b2 b1 b0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
0016
0416
0416
0A16
0A16
1116
1116
1116
2016
2016
3F16
4016
4016
4016
0016
0016
F016
F016
F016
F016
F016
F016
F016
F016
F816
F816
F816
F416
F416
F416
F016
F016
Example
109A016
to
109AF16
Character
ROM1
Character
ROM2
F16
(3/3)
(Note)
Write the character code “00 16” to “7F16”
to addreses 10000 16 to 10FFF16.
Write the character code “80 16” to “FF16”
to addreses 11000 16 to 11FFF16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com