Electronic Components Datasheet Search
  English  ▼

X  

7471 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7471
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7471 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7471 Datasheet HTML 60Page - Renesas Technology Corp 7471 Datasheet HTML 61Page - Renesas Technology Corp 7471 Datasheet HTML 62Page - Renesas Technology Corp 7471 Datasheet HTML 63Page - Renesas Technology Corp 7471 Datasheet HTML 64Page - Renesas Technology Corp 7471 Datasheet HTML 65Page - Renesas Technology Corp 7471 Datasheet HTML 66Page - Renesas Technology Corp 7471 Datasheet HTML 67Page - Renesas Technology Corp 7471 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.11 Interrupts
1-57
1.11.4 Notes on use
(1) When using P30 to P33 as input ports, put the corresponding INT interrupt or the CNTR interrupt into
a disable state.
(2) Set the interrupt request bit and the interrupt enable bit for preparations for an interrupt in the
following order.
1 Clear the interrupt request bit to “0.” (No interrupt request)
2 Set the interrupt enable bit to “1.” (Interrupt enabled)
When using the INT interrupt or the CNTR interrupt, first set the interrupt detection edge and then
set the above items 1 and 2. (Refer to (4) that will be described later.)
(3) An interrupt request bit can be cleared to “0” by software, but is still remained at the value precedent
to a change immediately after execution of the clear instruction. For this reason, when executing
the BBC or BBS instruction after changing an interrupt request bit, first execute the interrupt request
bit change instruction and then execute the BBC or BBS instruction after one instruction or more.
(4) When the detection edge of the INT interrupt or that of the CNTR interrupt is switched, the corresponding
interrupt request bit may be set to “1.” Accordingly, perform setting referring to the register setting
example shown in Figure 1.11.7.
Fig. 1.11.7 Example of register setting
(5) Whether an interrupt is caused by the BRK instruction or not can be judged by the contents of the
break flag of the Processor status register pushed on the stack area.
q Break flag = “1” : An interrupt has been caused by the BRK instruction
q Break flag = “0” : In case of the other interrupts
Note: Make this judgment in the interrupt processing routine.
(6) When an INT interrupt request is generated by executing the STP/WIT instruction in one of the
following states, the stop mode/wait mode is released.
q When the active edge of the INT interrupt is a rising edge and the INT pin input level is “H”
q When the active edge of the INT interrupt is a falling edge and the INT pin input level is “L”
Accordingly, when executing the STP/WIT instruction, it is necessary to consider the input level of
the INT pin and the polarity of the INT edge. Examples of countermeasures for it are shown below.
1. An example of a countermeasure for the case where the stop mode/wait mode is released at the
rising edge of the INT pin input level
Point: To release the stop mode/wait mode normally, perform mode release processing in the
INT interrupt processing routine only when the STP/WIT instruction was executed at the
“L” INT pin input level.
Clear the corresponding interrupt enable bit to “0”
Set the corresponding interrupt enable bit to “1”
Clear the corresponding interrupt request bit to “0”
Set the interrupt active edge
Execute one or more instructions (NOP instruction, and so on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com