Electronic Components Datasheet Search
  English  ▼

X  

7471 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7471
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7471 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7471 Datasheet HTML 29Page - Renesas Technology Corp 7471 Datasheet HTML 30Page - Renesas Technology Corp 7471 Datasheet HTML 31Page - Renesas Technology Corp 7471 Datasheet HTML 32Page - Renesas Technology Corp 7471 Datasheet HTML 33Page - Renesas Technology Corp 7471 Datasheet HTML 34Page - Renesas Technology Corp 7471 Datasheet HTML 35Page - Renesas Technology Corp 7471 Datasheet HTML 36Page - Renesas Technology Corp 7471 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 361 page
background image
HARDWARE
1.7 Central processing unit (CPU)
7470/7471/7477/7478 GROUP USER’S MANUAL
1-26
1.7.4 Program counter (PC)
The Program counter is a 16-bit counter consisting of an 8-bit register PCH and an 8-bit register PCL. This
counter indicates the address at which the next instruction to be executed is stored.
The contents of this counter are automatically pushed to the stack when a subroutine is called or an
interrupt occurs.
The high-order 8 bits (PCH) of the program counter become the contents of address FFFF16 and the low-
order 8 bits (PCL) become the contents of address FFFE16 immediately after hardware reset.
1.7.5 Processor status register (PS)
The Processor status register is an 8-bit register consisting of 5 flags to indicate the state immediately
after arithmetic processing and 3 flags to determine an operation for the CPU.
Each bit of the Processor status register is described below.
(1) Carry flag (C) ...................................................... Bit 0
The carry flag holds the carry or borrow from the arithmetic logical unit after arithmetic processing.
This flag is also changed by the Shift instruction or Rotate instruction.
This flag is set to “1” by the SEC instruction and cleared to “0” by the CLC instruction.
(2) Zero flag (Z) ........................................................ Bit 1
The zero flag is set to “1” when the arithmetic processing or data transfer result is “0” and cleared
to “0” in all other cases. In the decimal operation mode, this flag is invalidated.
There is no instruction to change the contents of this flag.
(3) Interrupt disable flag (I) ................................... Bit 2
The interrupt request flag disables all instructions (except an interrupt by the BRK instruction). When
this flag is “1,” the interrupt disable state is provided. This flag is set to “1” by accepting an interrupt,
thereby disabling a multi-interrupt.
This flag is set to “1” by the SEI instruction and cleared to “0” by the CLI instruction.
This flag is set to “1” (interrupt disable state) immediately after hardware reset.
(4) Decimal mode flag (D) ...................................... Bit 3
The decimal mode flag determines whether addition and subtraction should be performed in binary
or decimal notation. When the contents of this flag are “0,” an ordinary binary operation is performed.
When they are “1,” an arithmetic operation is performed assuming that one word is a 2-digit decimal
number. In a decimal operation, decimal compensation is automatically performed (decimal operation
can be performed only by the ADC instruction and the SBC instruction).
This flag is set to “1” by the SED instruction and cleared to “0” by the CLD instruction.
This flag is put in an undefined state immediately after hardware reset. As this flag directly affects
arithmetic operations, be sure to initialize it.
(5) Break flag (B) ...................................................... Bit 4
The break flag identifies whether or not an interrupt has been caused by the BRK instruction. The
BRK instruction is used for program debugging and performs the same operation as an interrupt is
performed by executing the BRK instruction.
The Processor status register is pushed to the stack, after the B flag is automatically set to “1” in
case of the BRK instruction interrupt, or after the B flag is automatically cleared to “0” in case of the
other interrupts.
There is no instruction to change the contents of this flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com