Electronic Components Datasheet Search
  English  ▼

X  

7471 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 7471
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7471 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 7471 Datasheet HTML 59Page - Renesas Technology Corp 7471 Datasheet HTML 60Page - Renesas Technology Corp 7471 Datasheet HTML 61Page - Renesas Technology Corp 7471 Datasheet HTML 62Page - Renesas Technology Corp 7471 Datasheet HTML 63Page - Renesas Technology Corp 7471 Datasheet HTML 64Page - Renesas Technology Corp 7471 Datasheet HTML 65Page - Renesas Technology Corp 7471 Datasheet HTML 66Page - Renesas Technology Corp 7471 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 354 page
background image
HARDWARE
1.10 I/O pins
7470/7471/7477/7478 GROUP USER’S MANUAL
1-46
(3) Fix of a port input level in stand-by state
Fix input levels of an input and an I/O port for getting effect of low-power dissipation in stand-by
state∗, especially for the I/O ports of the N-channel open-drain.
Pull-up (connect the port to VCC) or pull-down (connect the port to VSS) these ports through a
resistor.
When determining a resistance value, make sure the following:
q External circuit
q Variation of output levels during the ordinary operation
∗: “Stand-by state”: The stop mode by execution of the STP instruction or the wait mode by execution
of the WIT instruction:
Reason
Even when setting as an output port with its direction register, in the following state:
• N-channel ....... when the content of the port latch is “1”
the transistor becomes the OFF state, which causes the ports to be the high-impedance state. Make
sure that the level becomes “undefined” depending on external circuits.
Accordingly, the potential which is input to the input buffer in a microcomputer is unstable in the state
that input levels of an input and an I/O port are “undefined.” This may cause power source current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com