Electronic Components Datasheet Search
  English  ▼

X  

7471 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 7471
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7471 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 7471 Datasheet HTML 81Page - Renesas Technology Corp 7471 Datasheet HTML 82Page - Renesas Technology Corp 7471 Datasheet HTML 83Page - Renesas Technology Corp 7471 Datasheet HTML 84Page - Renesas Technology Corp 7471 Datasheet HTML 85Page - Renesas Technology Corp 7471 Datasheet HTML 86Page - Renesas Technology Corp 7471 Datasheet HTML 87Page - Renesas Technology Corp 7471 Datasheet HTML 88Page - Renesas Technology Corp 7471 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-68
HARDWARE
1.12 Timers
Table 1.12.5 Setting for Timer 3 count source
Note: When f(XCIN) is selected as a timer count source, f(XIN) or f(XCIN) can be selected as a system clock.
Table 1.12.6 Setting for Timer 4 count source
Note: If the Timer 1 overflow signal is selected as a Timer 2 count source at [b5,b4] = [1,0], the Timer 4
count source becomes the Timer 1 overflow signal regardless of bit 6 of Timer mode register 2.
Setting item
Count source
to be selected
f(XIN)/16
f(XCIN)
f(XCIN)/16
Timer 1 overflow signal
Timer 2 overflow signal
External clock input from
CNTR1 pin
CPU mode register
(CM: Address 00FB16)
b7
0
–
1
–
–
Timer mode register 2
(TM2: Address 00FA16)
Timer 34 mode register
(T34M: Address 00F916)
b6
–
0
1
–
b2
0
0
0
1
1
b1
0
1
0
0
1
(Note)
Setting item
Count source
to be selected
f(XIN)/16
f(XCIN)/16
Timer 1 overflow signal
Timer 2 overflow signal
Timer 3 overflow signal
External clock input from
CNTR1 pin
CPU mode register
(CM: Address 00FB16)
b7
0
1
–
Timer mode register 2
(TM2: Address 00FA16)
Timer 34 mode register
(T34M: Address 00F916)
b6
–
0
1
–
b6
0
b5
0
1
(Note)
0
1
b4
1
0
(Note)
0
1
Setting item
Timer
Timer 1
Timer 2
Timer 3
Timer 4
Timer 12 mode register
(T12M: Address 00F816)
Timer 34 mode register
(T34M: Address 00F916)
b4
–
0
–
b0
0
–
–
b3
–
–
0
b0
–
0
–
Timer
Timer 1(T1)
Timer 2(T2)
Timer 3(T3)
Timer 4(T4)
Table 1.12.7 Address allocation of timer
4 When a value is set according to the count start setting shown in Table 1.12.8, the timer starts
to count.
Table 1.12.8 Count start setting
3 Set a count value in the timer.
Refer to “Table 1.12.7 Address allocation
for timer.”
Address
00F016
00F116
00F216
00F316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com