Electronic Components Datasheet Search
  English  ▼

X  

3800 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 3800
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3800 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 3800 Datasheet HTML 45Page - Renesas Technology Corp 3800 Datasheet HTML 46Page - Renesas Technology Corp 3800 Datasheet HTML 47Page - Renesas Technology Corp 3800 Datasheet HTML 48Page - Renesas Technology Corp 3800 Datasheet HTML 49Page - Renesas Technology Corp 3800 Datasheet HTML 50Page - Renesas Technology Corp 3800 Datasheet HTML 51Page - Renesas Technology Corp 3800 Datasheet HTML 52Page - Renesas Technology Corp 3800 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 174 page
background image
1-34
HARDWARE
3800 GROUP USER’S MANUAL
FUNCTIONAL DESCRIPTION SUPPLEMENT
Timing After Interrupt
The interrupt processing routine begins with the machine cycle fol-
lowing the completion of the instruction that is currently in execu-
tion.
Figure 32 shows a timing chart after an interrupt occurs, and Fig-
ure 33 shows the time up to execution of the interrupt processing
routine.
Fig. 32 Timing chart after an interrupt occurs
Fig. 33 Time up to execution of the interrupt processing routine
: CPU operation code fetch cycle
: Vector address of each interrupt
: Jump destination address of each interrupt
: “0016” or “0116”
SYNC
BL, BH
AL, AH
SPS
φ
Data bus
Not used
PCH
PCL
PS
AL
AH
Address bus
S, SPS
S-2, SPS
S-1, SPS
PC
BL
BH
AL, AH
SYNC
RD
WR
Interrupt processing routine
Generation of interrupt request
Main routine
7 to 23 cycles
(At performing 8.0 MHz, 1.75
µs to 5.75 µs)
2 cycles
5 cycles
Start of interrupt processing
0 to 16 cycles
Waiting time for
post-processing
of pipeline
Stack push and
Vector fetch
T : at execution of DIV instruction (16 cycles)
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com