Electronic Components Datasheet Search
  English  ▼

X  

3800 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 3800
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3800 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 3800 Datasheet HTML 17Page - Renesas Technology Corp 3800 Datasheet HTML 18Page - Renesas Technology Corp 3800 Datasheet HTML 19Page - Renesas Technology Corp 3800 Datasheet HTML 20Page - Renesas Technology Corp 3800 Datasheet HTML 21Page - Renesas Technology Corp 3800 Datasheet HTML 22Page - Renesas Technology Corp 3800 Datasheet HTML 23Page - Renesas Technology Corp 3800 Datasheet HTML 24Page - Renesas Technology Corp 3800 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 174 page
background image
1-6
HARDWARE
3800 GROUP USER’S MANUAL
PART NUMBERING
Fig. 4 Part numbering
PART NUMBERING
M3800 2 M 4 - XXX SP
Product
Package type
SP : 64P4B package
FP : 64P6N-A package
HP : 64P6D-A package
SS : 64S1B package
FS : 64D0 package
ROM number
Omitted in some types.
ROM/PROM size
1
2
3
4
5
6
7
8
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
The first 128 bytes and the last 2 bytes of ROM
are reserved areas ; they cannot be used.
Memory type
M
E
S
: Mask ROM version
: EPROM or One Time PROM version
: External ROM
RAM size
0
1
2
3
4
5
6
7
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
: 768 bytes
: 896 bytes
: 1024 bytes
Normally, using hyphen
When electrical characteristic, or division of quality
identification code using alphanumeric character
– : standard
D : Extended operating temperature version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com