Electronic Components Datasheet Search
  English  ▼

X  

6KA24 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 6KA24
Description  Automotive Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6KA24 Datasheet(HTML) 2 Page - Vishay Siliconix

  6KA24 Datasheet HTML 1Page - Vishay Siliconix 6KA24 Datasheet HTML 2Page - Vishay Siliconix 6KA24 Datasheet HTML 3Page - Vishay Siliconix 6KA24 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6KA24
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88309
Revision: 20-Oct-08
2
Notes:
(1) Measured on 80 µs square pulse width
(2) Measured on 300 µs square pulse width
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
LIMIT
UNIT
Maximum DC reverse leakage current
at VWM = 24 V,
TA = 25 °C
TA = 150 °C
ID
1.0
50
µA
Reverse breakdown voltage
at 100 mA,
TA = 25 °C min.
TA = 25 °C max.
TA = 150 °C min.
TA = 150 °C max.
VBR
26.7
32.6
29.7
36.7
V
Maximum clamping voltage
at IPP = 90 A
(1),
TA = 25 °C
TA = 150 °C
VC
40
45
V
Maximum instantaneous forward voltage
at 100 A (2)
VF
1.8
V
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
6KA24HE3/54 (1)
2.710
54
800
13" diameter paper tape and reel
Figure 1. Peak Pulse Power Rating Curve
100
10
1
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
100 ms
td - Pulse Width (s)
Non-Repetitive Pulse
Waveform shown in Fig. 2
T
A = 25 °C
Figure 2. 10/1000 µs Pulse Waveform
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
10/1000 µs Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com