Electronic Components Datasheet Search
  English  ▼

X  

6KA24 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 6KA24
Description  Automotive Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6KA24 Datasheet(HTML) 3 Page - Vishay Siliconix

  6KA24 Datasheet HTML 1Page - Vishay Siliconix 6KA24 Datasheet HTML 2Page - Vishay Siliconix 6KA24 Datasheet HTML 3Page - Vishay Siliconix 6KA24 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6KA24
Vishay General Semiconductor
Document Number: 88309
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Pulse Derating Curve
Figure 4. Maximum Non-Repetitive Peak Forward Surge Current
L = 0.375" (9.5 mm)
Lead Lengths
Power Dissipation
0
50
100
150
175
100
75
50
25
0
TL - Lead Temperature (°C)
Peak Power (Single Pulse)
T
J = Initial Temperature
1
5
10
50
100
300
250
200
150
100
400
350
Number of Cycles at 60 Hz
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Figure 5. 10 µs/50 ms Pulse Waveform
0
50
100
150
t
d
0
50
100
150
200
t
r = 10 µs
10 µs/50 ms Waveform
as defined by R.E.A.
t - Time (ms)
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
DIA.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
Case Style P600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com