Electronic Components Datasheet Search
  English  ▼

X  

ISO1176DWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176DWR
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176DWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO1176DWR Datasheet HTML 14Page - Texas Instruments ISO1176DWR Datasheet HTML 15Page - Texas Instruments ISO1176DWR Datasheet HTML 16Page - Texas Instruments ISO1176DWR Datasheet HTML 17Page - Texas Instruments ISO1176DWR Datasheet HTML 18Page - Texas Instruments ISO1176DWR Datasheet HTML 19Page - Texas Instruments ISO1176DWR Datasheet HTML 20Page - Texas Instruments ISO1176DWR Datasheet HTML 21Page - Texas Instruments ISO1176DWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
THERMAL CHARACTERISTICS
0
25
50
75
100
125
150
0
50
100
150
200
T -CaseTemperature-°C
C
V
at5.5V
CC1,2
PACKAGE CHARACTERISTICS
ISO1176
SLLS897C – MARCH 2008 – REVISED OCTOBER 2008.................................................................................................................................................. www.ti.com
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K thermal resistance(1)
168
θ
JA
Junction-to-air
°C/W
High-K board(1)
96.1
θ
JB
Junction-to-board thermal resistance
61
°C/W
θ
JC
Junction-to-case thermal resistance
48
°C/W
Vcc1 = Vcc2 = 5.25 V, TJ = 150°C, CL = 15 pF,
PD
Device power dissipation
220
mW
Input a 20 MHz 50% duty cycle square wave
(1)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface mount packages.
Figure 28. DW-16
θ
JC Thermal Derating Curve per IEC 60747-5-2
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (Clearance)
Shortest terminal to terminal distance
8.34
mm
through air
L(I02)
Minimum external tracking (Creepage)(1)
Shortest terminal to terminal distance
8.1
mm
across the package surface
CTI
Tracking resistance (Comparative Tracking
DIN IEC 60112 / VDE 0303 Part 1
≥175
V
Index)
Minimum Internal Gap (Internal Clearance)
Distance through the insulation
0.008
mm
RIO
Isolation resistance
Input to output, VIO = 500 V, all pins on
each side of the barrier tied together
>1012
Ω
creating a two-terminal device
CIO
Barrier capacitance Input to output
VI = 0.4 sin (4E6πt)
2
pF
CI
Input capacitance to ground
VI = 0.4 sin (4E6πt)
2
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed circuit board do not reduce this distance.
Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation
Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com