Electronic Components Datasheet Search
  English  ▼

X  

TAS5710 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5710
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5710 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5710 Datasheet HTML 12Page - Texas Instruments TAS5710 Datasheet HTML 13Page - Texas Instruments TAS5710 Datasheet HTML 14Page - Texas Instruments TAS5710 Datasheet HTML 15Page - Texas Instruments TAS5710 Datasheet HTML 16Page - Texas Instruments TAS5710 Datasheet HTML 17Page - Texas Instruments TAS5710 Datasheet HTML 18Page - Texas Instruments TAS5710 Datasheet HTML 19Page - Texas Instruments TAS5710 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
−120
−110
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
G010
20
100
1k
10k
20k
Left to Right
Right to Left
PVDD = 18 V
RL = 8 Ω
DETAILED DESCRIPTION
POWER SUPPLY
TAS5701
SLOS559 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
CROSSTALK
vs
FREQUENCY
Figure 17.
The digital portion of the chip requires 3.3 V, and the analog portion can work with a variable range up to 12 V.
PVDD has a maximum operational range up to 22 V.
To facilitate system design, the TAS5701 needs only a 12-V supply in addition to the (typical) 18-V power-stage
supply. An internal voltage regulator provides suitable voltage levels for the digital and low-voltage analog
circuitry. Additionally, all circuitry requiring a floating voltage supply, e.g., the high-side gate drive, is
accommodated by built-in bootstrap circuitry requiring only a few external capacitors.
In order to provide outstanding electrical and acoustical characteristics, the PWM signal path including gate drive
and output stage is designed as identical, independent half-bridges. For this reason, each half-bridge has
separate gate drive supply (GVDD_X), bootstrap pins (BST_X), and power-stage supply pins (PVDD_X). Special
attention should be paid to placing all decoupling capacitors as close to their associated pins as possible. In
general, inductance between the power supply pins and decoupling capacitors must be avoided.
For a properly functioning bootstrap circuit, a small ceramic capacitor must be connected from each bootstrap pin
(BST_X) to the power-stage output pin (OUT_X). When the power-stage output is low, the bootstrap capacitor is
charged through an internal diode connected between the gate-drive power-supply pin (GVDD_X) and the
bootstrap pin. When the power-stage output is high, the bootstrap capacitor potential is shifted above the output
potential and thus provides a suitable voltage supply for the high-side gate driver. In an application with PWM
switching frequencies in the range from 352 kHz to 384 kHz, it is recommended to use 33-nF ceramic capacitors,
size 0603 or 0805, for the bootstrap supply. These 33-nF capacitors ensure sufficient energy storage, even
during minimal PWM duty cycles, to keep the high-side power stage FET (LDMOS) fully turned on during the
remaining part of the PWM cycle. In an application running at a reduced switching frequency, generally 192 kHz,
the bootstrap capacitor might need to be increased in value.
Special attention should be paid to the power-stage power supply; this includes component selection, PCB
placement, and routing. As indicated, each half-bridge has independent power-stage supply pins (PVDD_X). For
optimal electrical performance, EMI compliance, and system reliability, it is important that each PVDD_X pin is
decoupled with a 100-nF ceramic capacitor placed as close as possible to each supply pin.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com