Electronic Components Datasheet Search
  English  ▼

X  

TAS5710 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5710
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5710 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5710 Datasheet HTML 1Page - Texas Instruments TAS5710 Datasheet HTML 2Page - Texas Instruments TAS5710 Datasheet HTML 3Page - Texas Instruments TAS5710 Datasheet HTML 4Page - Texas Instruments TAS5710 Datasheet HTML 5Page - Texas Instruments TAS5710 Datasheet HTML 6Page - Texas Instruments TAS5710 Datasheet HTML 7Page - Texas Instruments TAS5710 Datasheet HTML 8Page - Texas Instruments TAS5710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SIMPLIFIED APPLICATION DIAGRAM
SDIN1
SDIN2
LRCLK
SCLK
MCLK_IN
MUTE
RESET
PDN
DVDD
PVDD
BKND_ERR
VALID
SUB_PWM–
SUB_PWM+
OUT_A
OUT_C
OUT_B
OUT_D
BSA
BSC
BSB
BSD
3.3V
0V–21V
0V–21V
Digital
Audio
Source
Control
Inputs
Left
Right
Subwoofer
SIN+
SOUT+
SIN–
SOUT–
FAULT
RESET
TAS5132
B0264-08
12V
GVDD
12V
GAINx(2pins)
FORMATx(3pins)
PLL_FLTM
PLL_FLTP
Loop
Filter
TAS5701
SLOS559 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com