Electronic Components Datasheet Search
  English  ▼

X  

TPS54331D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331D
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331D Datasheet(HTML) 5 Page - Texas Instruments

  TPS54331D Datasheet HTML 1Page - Texas Instruments TPS54331D Datasheet HTML 2Page - Texas Instruments TPS54331D Datasheet HTML 3Page - Texas Instruments TPS54331D Datasheet HTML 4Page - Texas Instruments TPS54331D Datasheet HTML 5Page - Texas Instruments TPS54331D Datasheet HTML 6Page - Texas Instruments TPS54331D Datasheet HTML 7Page - Texas Instruments TPS54331D Datasheet HTML 8Page - Texas Instruments TPS54331D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Error
Amplifier
RQ
S
Boot
Charge
Boot
UVLO
Current
Sense
Oscillator
Frequency
Shift
Gate
Drive
Logic
Slope
Compensation
PWM
Latch
PWM
Comparator
ECO-MODE
MinimumClamp
™
Maximum
Clamp
Voltage
Reference
Discharge
Logic
VSENSE
COMP
PH
BOOT
VIN
GND
Thermal
Shutdown
EN
Enable
Comparator
Shutdown
Logic
Shutdown
Enable
Threshold
S
1.25V
0.8V
80mW
165 C
2.1V
12 A/V
SS
Shutdown
VSENSE
1 A
m
3 A
m
gm=92 A/V
DCgain=800V/V
BW=2.7MHz
m
2kW
2 A
m
TYPICAL CHARACTERISTICS
CHARACTERIZATION CURVES
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
0
1
2
3
4
3
8
13
18
23
28
V -InputVoltage-V
I
EN=0V
T =150°C
J
T =25°C
J
T =-40°C
J
550
555
560
565
570
575
580
585
590
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
TPS54331
www.ti.com ...................................................................................................................................................... SLVS839B – JULY 2008 – REVISED OCTOBER 2008
FUNCTIONAL BLOCK DIAGRAM
ON RESISTANCE
SHUTDOWN QUIESCENT CURRENT
SWITCHING FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com