Electronic Components Datasheet Search
  English  ▼

X  

TPS54331D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331D
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331D Datasheet(HTML) 2 Page - Texas Instruments

  TPS54331D Datasheet HTML 1Page - Texas Instruments TPS54331D Datasheet HTML 2Page - Texas Instruments TPS54331D Datasheet HTML 3Page - Texas Instruments TPS54331D Datasheet HTML 4Page - Texas Instruments TPS54331D Datasheet HTML 5Page - Texas Instruments TPS54331D Datasheet HTML 6Page - Texas Instruments TPS54331D Datasheet HTML 7Page - Texas Instruments TPS54331D Datasheet HTML 8Page - Texas Instruments TPS54331D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PACKAGE DISSIPATION RATINGS
(1) (2) (3)
TPS54331
SLVS839B – JULY 2008 – REVISED OCTOBER 2008 ...................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TJ
PACKAGE
SWITCHING FREQUENCY
PART NUMBER(2)
–40°C to 150°C
8 pin SOIC
570 kHz
TPS54331D
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The D package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54331DR). See applications section of
data sheet for layout information.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VIN
–0.3 to 30
EN
–0.3 to 5
BOOT
38
Input Voltage
V
VSENSE
–0.3 to 3
COMP
–0.3 to 3
SS
–0.3 to 3
BOOT-PH
8
Output Voltage
PH
–0.6 to 30
V
PH (10 ns transient from ground to negative peak)
–5
EN
100
µA
BOOT
100
mA
Source Current
VSENSE
10
µA
PH
9
A
VIN
9
A
Sink Current
COMP
100
µA
SS
200
Electrostatic Discharge (HBM)
2
kV
Electrostatic Discharge (CDM)
500
V
Operating Junction Temperature
–40 to 150
°C
Storage Temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
THERMAL IMPEDANCE JUNCTION TO
PSEUDO THERMAL IMPEDANCE JUNCTION TO
AMBIENT
TOP
SOIC8
100 °C/W
5 °C/W
(1)
Maximum power dissipation may be limited by overcurrent protection
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 150°C. This is the point where
distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or below
150°C for best performance and long-term reliability. See power dissipation estimate in application section of this data sheet for more
information.
(3)
Test board conditions:
a. 2 inches x 1.5 inches, 2 layers, thickness: 0.062 inch
b. 2-ounce copper traces located on the top and bottom of the PCB
c. 6 thermal vias located under the device package
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com