Electronic Components Datasheet Search
  English  ▼

X  

APL5910 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5910
Description  1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5910 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5910 Datasheet HTML 8Page - Anpec Electronics Coropration APL5910 Datasheet HTML 9Page - Anpec Electronics Coropration APL5910 Datasheet HTML 10Page - Anpec Electronics Coropration APL5910 Datasheet HTML 11Page - Anpec Electronics Coropration APL5910 Datasheet HTML 12Page - Anpec Electronics Coropration APL5910 Datasheet HTML 13Page - Anpec Electronics Coropration APL5910 Datasheet HTML 14Page - Anpec Electronics Coropration APL5910 Datasheet HTML 15Page - Anpec Electronics Coropration APL5910 Datasheet HTML 16Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2008
APL5910
www.anpec.com.tw
13
Package Information
SOP-8P
0.020
0.010
0.020
0.050
0.006
0.063
MAX.
0.40
L
0
E
e
h
E1
0.25
D
c
b
0.17
0.31
0.016
1.27
0.50
1.27 BSC
0.51
0.25
0.050 BSC
0.010
0.012
0.007
MILLIMETERS
MIN.
S
Y
M
B
O
L
A1
A2
A
0.00
1.25
SOP-8P
MAX.
0.15
1.60
MIN.
0.000
0.049
INCHES
D1
2.25
0.098
2.00
0.079
E2
3.50
3.00
0.138
0.118
8o
0o
8o
0o
°
D
e
SEE VIEW
A
c
b
D1
THERMAL
PAD
L
VIEW A
SEATING PLANE
GAUGE PLANE
Inter-lead flash and protrusions shall not exceed 10 mil per side.
Note : 1. Follow JEDEC MS-012 BA.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side .
3. Dimension "E" does not include inter-lead flash or protrusions.
4.80
5.00
5.80
6.20
3.80
4.00
0.244
0.228
0.157
0.150
0.197
0.189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com