Electronic Components Datasheet Search
  English  ▼

X  

APL5910 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5910
Description  1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5910 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5910 Datasheet HTML 2Page - Anpec Electronics Coropration APL5910 Datasheet HTML 3Page - Anpec Electronics Coropration APL5910 Datasheet HTML 4Page - Anpec Electronics Coropration APL5910 Datasheet HTML 5Page - Anpec Electronics Coropration APL5910 Datasheet HTML 6Page - Anpec Electronics Coropration APL5910 Datasheet HTML 7Page - Anpec Electronics Coropration APL5910 Datasheet HTML 8Page - Anpec Electronics Coropration APL5910 Datasheet HTML 9Page - Anpec Electronics Coropration APL5910 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2008
APL5910
www.anpec.com.tw
6
Typical Operating Characteristics
)
oC
Junction Temperature (
Current-Limit vs.
Junction Temperature
V
CNTL = 3.3V
-50
-25
0
25
50
75
100
125
V
OUT = 1.2V
V
CNTL = 5V
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Junction Temperature (
)
oC
Short Current-Limit vs.
Junction Temperature
200
250
300
350
400
450
500
550
600
-50
-25
0
25
50
75
100
125
V
CNTL = 5V
V
CNTL = 3.3V
Output Current, I
OUT (A)
Dropout Voltage vs.
Output Current
0
0.25
0.5
0.75
1
V
CNTL = 5V
V
OUT = 1.2V
T
J = 25°
C
T
J = 0°
C
T
J = 75°
C
T
J = 125°
C
T
J = - 40°
C
0
20
40
60
80
100
120
140
160
180
T
J = 25°
C
T
J = 0°
C
T
J = 75°
C
T
J = 125°
C
T
J = - 40°
C
Output Current, I
OUT (A)
Droput Voltage vs.
Output Current
0
0.25
0.5
0.75
1
0
20
40
60
80
100
120
140
160
180
200
V
CNTL = 3.3V
V
OUT = 1.2V
200
Dropout Voltage vs.
Output Current
Output Current, I
OUT (A)
0
20
40
60
80
100
120
140
160
180
0
0.25
0.5
0.75
1
T
J = 25°
C
T
J = 0°
C
T
J = 75°
C
T
J = 125°
C
T
J = - 40°
C
V
CNTL = 5V
V
OUT = 1.8V
Output Current, I
OUT (A)
Dropout Voltage vs.
Output Current
V
CNTL = 3.3V
V
OUT = 1.8V
T
J = 25°
C
T
J = 0°
C
T
J = 75°
C
T
J = 125°
C
T
J = - 40°
C
0
20
40
60
80
100
120
140
160
180
200
220
0
0.25
0.5
0.75
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com