Electronic Components Datasheet Search
  English  ▼

X  

B45196L Datasheet(PDF) 12 Page - EPCOS

Part # B45196L
Description  Tantalum Chip Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196L Datasheet(HTML) 12 Page - EPCOS

Back Button B45196L Datasheet HTML 8Page - EPCOS B45196L Datasheet HTML 9Page - EPCOS B45196L Datasheet HTML 10Page - EPCOS B45196L Datasheet HTML 11Page - EPCOS B45196L Datasheet HTML 12Page - EPCOS B45196L Datasheet HTML 13Page - EPCOS B45196L Datasheet HTML 14Page - EPCOS B45196L Datasheet HTML 15Page - EPCOS B45196L Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CR
(20
°C, 120 Hz)
µF
Case size
DFmax
(20
°C, 120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
Zmax
(20
°C,
100 kHz)
Ω
Ordering code
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
47
D
6
9.4
0.8
B45196L4476+40*
47
E
6
9.4
0.8
B45196L4476+50*
68
E
6
13.6
0.8
B45196L4686+50*
VR (up to 85
°C) = 25 VDC, V
R (up to 125
°C) = 16 VDC
0.47
A
4
0.5
13.0
B45196L5474+10*
0.68
A
4
0.5
10.0
B45196L5684+10*
1
A
4
0.5
8.0
B45196L5105+10*
1.5
A
6
0.5
7.0
B45196L5155+10*
1.5
B
6
0.5
7.0
B45196L5155+20*
2.2
B
6
0.6
5.0
B45196L5225+20*
3.3
B
6
0.8
4.0
B45196L5335+20*
3.3
C
6
0.8
2.8
B45196L5335+30*
4.7
B
6
1.2
3.2
B45196L5475+20*
4.7
C
6
1.2
2.3
B45196L5475+30*
6.8
C
6
1.7
2.0
B45196L5685+30*
6.8
D
6
1.7
1.8
B45196L5685+40*
10
C
6
2.5
1.6
B45196L5106+30*
10
D
6
2.5
1.2
B45196L5106+40*
15
C
6
3.8
1.5
B45196L5156+30*
15
D
6
3.8
1.0
B45196L5156+40*
22
D
6
5.5
0.8
B45196L5226+40*
33
D
6
8.3
0.8
B45196L5336+40*
33
E
6
8.3
0.8
B45196L5336+50*
47
E
6
11.8
0.8
B45196L5476+50*
VR (up to 85
°C) = 35 VDC, V
R (up to 125
°C) = 23 VDC
0.1
A
4
0.5
28.0
B45196L6104+10*
0.15
A
4
0.5
23.0
B45196L6154+10*
0.22
A
4
0.5
19.0
B45196L6224+10*
0.33
A
4
0.5
15.0
B45196L6334+10*
0.47
A
4
0.5
11.0
B45196L6474+10*
0.47
B
4
0.5
11.0
B45196L6474+20*
0.68
A
4
0.5
8.0
B45196L6684+10*
0.68
B
4
0.5
8.0
B45196L6684+20*
1
A
4
0.5
7.0
B45196L6105+10*
Tantalum chip capacitors
B45196L, B45198L
Automotive
Page 12 of 16
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com