Electronic Components Datasheet Search
  English  ▼

X  

B45196L Datasheet(PDF) 15 Page - EPCOS

Part # B45196L
Description  Tantalum Chip Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196L Datasheet(HTML) 15 Page - EPCOS

Back Button B45196L Datasheet HTML 8Page - EPCOS B45196L Datasheet HTML 9Page - EPCOS B45196L Datasheet HTML 10Page - EPCOS B45196L Datasheet HTML 11Page - EPCOS B45196L Datasheet HTML 12Page - EPCOS B45196L Datasheet HTML 13Page - EPCOS B45196L Datasheet HTML 14Page - EPCOS B45196L Datasheet HTML 15Page - EPCOS B45196L Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Low-resistance applications and voltage networks
For low-resistance applications, EPCOS recommends a maximum operating voltage of half the
permissible maximum continuous voltage, so that the capacitors have sufficient tolerance to
withstand voltage peaks. Depending on the conditions of use, the early failure rate is higher here
by a factor of 2 to 20 than in the range with a constant failure rate as specified in the data book
(see“Quality and environment”, section 1.11 under www.epcos.com/tantalum_capacitors).
When operated directly in a voltage network, the capacitor should be protected against
overvoltage, e.g. by a suppressor diode, and against polarity reversal by a diode. If a capacitor is
operated in an unprotected low-impedance circuit and fails because the permissible conditions for
the forward DC voltage, reverse DC voltage, surge current, power dissipation or temperature are
exceeded, the continued current flow through the overstressed capacitor may produce
overheating. The overheated capacitor may damage the surrounding components and the circuit
board (see“Quality and environment”, section 1.11 and “General technical information”, section
4.11 under www.epcos.com/tantalum_capacitors).
Storage conditions
Capacitors with solid electrolyte may be stored at temperatures down to –80
°C. The upper
storage temperature must not exceed +85
°C (for blister tape the temperature limit is +40 °C).
The storage conditions should not exceed +40
°C and 70% R. H. A drypack is useful to prevent
the effects of humidity.
Note
For more detailed information about cautions and warnings for tantalum electrolytic capacitors
(e.g. other electrical values beside those listed above), see “General technical information” and
“Quality and environment” under www.epcos.com/tantalum_capacitors.
Tantalum chip capacitors
B45196L, B45198L
Automotive
Page 15 of 16
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com