Electronic Components Datasheet Search
  English  ▼

X  

DG3536 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG3536
Description  0.25-Ω Low-Voltage Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3536 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG3536 Datasheet HTML 1Page - Vishay Siliconix DG3536 Datasheet HTML 2Page - Vishay Siliconix DG3536 Datasheet HTML 3Page - Vishay Siliconix DG3536 Datasheet HTML 4Page - Vishay Siliconix DG3536 Datasheet HTML 5Page - Vishay Siliconix DG3536 Datasheet HTML 6Page - Vishay Siliconix DG3536 Datasheet HTML 7Page - Vishay Siliconix DG3536 Datasheet HTML 8Page - Vishay Siliconix DG3536 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72961
S-70853-Rev. F, 30-Apr-07
Vishay Siliconix
DG3535/DG3536
Notes:
a Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b Refer to IPC/JEDEC (J-STD-020B)
c All bumps welded or soldered to PC Board.
d Derate 5.7 mW/°C above 70 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Reference V+ to GND
- 0.3 to + 6
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3 V)
Continuous Current (NO, NC, COM)
± 300
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 500
Storage Temperature
(D Suffix)
- 65 to 150
°C
Package Solder Reflow Conditionsb
IR/Convection
250
ESD per Method 3015.7
> 2
kV
Power Dissipation (Packages)c
MICRO FOOT: 10 Bump (4 x 3 mm)d
457
mW
SPECIFICATIONS (V+ = 3.0 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %,VIN = 0.5 V or 1.4 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistanced
rON
V+ = 2.7 V, VCOM = 0.6/1.5 V
INO, INC = 100 mA
Room
Full
0.25
0.4
0.5
Ω
rON Flatness
d
rON
Flatness
Room
0.15
On-Resistance
Match Between Channelsd
Δr
DS(on)
Room
0.05
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 3.3 V,
VNO, VNC = 0.3 V/3 V, VCOM = 3 V/0.3 V
Room
Full
- 2
- 20
2
20
nA
ICOM(off)
Room
Full
- 2
- 20
2
20
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
- 2
- 20
2
20
Digital Control
Input High Voltaged
VINH
Full
1.4
V
Input Low Voltage
VINL
Full
0.5
Input Capacitance
Cin
Full
10
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com