Electronic Components Datasheet Search
  English  ▼

X  

DG3536 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG3536
Description  0.25-Ω Low-Voltage Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3536 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG3536 Datasheet HTML 1Page - Vishay Siliconix DG3536 Datasheet HTML 2Page - Vishay Siliconix DG3536 Datasheet HTML 3Page - Vishay Siliconix DG3536 Datasheet HTML 4Page - Vishay Siliconix DG3536 Datasheet HTML 5Page - Vishay Siliconix DG3536 Datasheet HTML 6Page - Vishay Siliconix DG3536 Datasheet HTML 7Page - Vishay Siliconix DG3536 Datasheet HTML 8Page - Vishay Siliconix DG3536 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 72961
S-70853-Rev. F, 30-Apr-07
www.vishay.com
3
Vishay Siliconix
DG3535/DG3536
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
SPECIFICATIONS (V+ = 3.0 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %,VIN = 0.5 V or 1.4 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 2.0 V, RL = 50 Ω, CL = 35 pF
Room
Full
52
82
90
ns
Turn-Off Time
tOFF
Room
Full
43
73
78
Break-Before-Make Time
td
Room
1
6
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 1.5 V, RGEN = 0 Ω
Full
21
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 100 kHz
Room
- 69
dB
Crosstalkd
XTALK
Room
- 69
NO, NC Off Capacitance
d
CNO(off)
VIN = 0 or V+, f = 1 MHz
Room
145
pF
CNC(off)
Room
145
Channel-On Capacitanced
CNO(on)
Room
406
CNC(on)
Room
406
Power Supply
Power Supply Current
I+
VIN = 0 or V+
Room
Full
0.001
1.0
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com