Electronic Components Datasheet Search
  English  ▼

X  

TD230 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TD230
Description  ELECTRONIC CIRCUIT BREAKER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TD230 Datasheet HTML 4Page - STMicroelectronics TD230 Datasheet HTML 5Page - STMicroelectronics TD230 Datasheet HTML 6Page - STMicroelectronics TD230 Datasheet HTML 7Page - STMicroelectronics TD230 Datasheet HTML 8Page - STMicroelectronics TD230 Datasheet HTML 9Page - STMicroelectronics TD230 Datasheet HTML 10Page - STMicroelectronics TD230 Datasheet HTML 11Page - STMicroelectronics TD230 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
To avoid cumulative charging of the protection
capacitors CTRIP 1/2 in case of successive overcur-
rent conditions, the capacitors CTRIP 1/2 are con-
Figure 3 :
Fault Time Limitation
stantly discharged by another fixed current source
IP/N3 which value is a fourth of IP/N2 (1
µA).
Trace 1 represents the CBOOST Voltage (0 to
5+13,4 = 18,4V)
Trace 2 represents the CTRIP1 Voltage.
The value of the capacitors CTRIP 1/2 should be
chosen in relation with the required protection time
as indicated in equation (iv) :
• CTRIP1/2 =(IP/N2 - IP/N3)x tPROTECT1/2 /VSPN/3(iv)
where tPROTECT 1/2 is the time defined by the user
before a definitive resettable shutdown of MOS-
FET 1/2.
Equation (iv) can be translated to :
• CTRIP 1/2 =tPROTECT 1/2 x3µA / 1.20V (iv)
Note that the positive power supply disjonction
leads to the negative power supply disjonction,
whereas the opposite is not true.
2.3. Step-Up Converter
To ensure proper voltage on the gate of the positive
supply NMOS1 (VGS = 13.4V typ), the TD230 inte-
grates a step-up converter which is to be boosted
with two small low cost external components : an
inductor LBOOST and a capacitor CBOOST, as shown
in figure 4.
Rs e ns e
MOS
Lboos t
C boos t
Se ns e
Step Up
Driver
TD230
Figure 4 :
Step Up Converter External
Components
The principle of this inductive step-up converter is
to pump charges in the tank capacitor CBOOST
following the equation (v) :
Lboos t
Cboos t
TD230
Os c
Re gulation
Figure 5 :
Internal Step Up Schematic
• V(CBOOST)= VCC+ + 13.4V typ (v)
Charges are pumped by means of an oscillator
commanded switch, and stored in the CBOOST tank
capacitor through a diode as shown on figure 5.
Wh en th e vo lt a ge across CBOOST reaches
VCC
++13.4V typ, the oscillator is stopped. This
creates a ripple voltage with an amplitude of 0.2V.
Note that the min and max values of V(CBOOST)
comprised between VCC
+ +10V and VCC+ +15V
already take the ripple voltage into account.
TD230
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com