Electronic Components Datasheet Search
  English  ▼

X  

TD230 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TD230
Description  ELECTRONIC CIRCUIT BREAKER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TD230 Datasheet HTML 5Page - STMicroelectronics TD230 Datasheet HTML 6Page - STMicroelectronics TD230 Datasheet HTML 7Page - STMicroelectronics TD230 Datasheet HTML 8Page - STMicroelectronics TD230 Datasheet HTML 9Page - STMicroelectronics TD230 Datasheet HTML 10Page - STMicroelectronics TD230 Datasheet HTML 11Page - STMicroelectronics TD230 Datasheet HTML 12Page - STMicroelectronics TD230 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 6 :
Step Up Converter Rise Time
Proper operation of this step-up converter is guar-
anteed at as low as 2.7V with a rise time (0 to 90%
of V(CBOOST)) in the range of 700
µs at 2.7V which
1
2
3
4
5
6
7
8
Vcc+
GND
LBOOS T
CTRIP1
CBOOS T
9
10
11
12
13
14
15
16
C ONTR OL
P Vcc
LBOOS T
CBO OS T
PM1
GND
PM2
OS C GND
NVcc
REF1
GC 1
S ENS P
INHIBIT
S HUTDOWN
S ENS N
GC 2
REF2
RS 1
NMos
to BOARD
CS S 1
Figure 7 :
Single Electronic Circuit Breaker
Application
is the worst case. At 5V, the rise time of V(Cboost)
is 250
µs typ. The CBOOST voltage wave form at
power ON under 5V supply voltage is shown on
figure 6.
Trace 1 represents the power supply voltage (0 to
5V).
Trace 2 represents the CBOOST Voltage at power
ON (0 to 5+13,4 = 18,4V).
Table (a) summerizes the recommended values of
the CBOOST and LBOOST to ensure optimized gate
charge and low ripple voltage with their corre-
sponding maximum current surge (IPK) and nomi-
nal consumption (ICC) of the TD230 for the most
common power supply values. For each power
supply value is also given the recommended value
of a bypass capacitor (CBY) on the power sup-
plies.
Note that both CBOOST and LBOOST are available in
surface mount packages.
Table (a) : Recommended values for Cboost and
Lboost
VCC
+
Cboost
Lboost
Ipk
Vrip
Icc
Cby
VnF
µHmA
mV
mA
µF
2.7
47
100
68
60
190
100
5>1
5
100
220
35
120
2.5
1
10
100
220
470
33
220
100
2.2
1
12
220
470
39
150
2.2
1
14
220
680
34
150
2.4
1
18
220
1000
31
200
2.7
1
2.4. Single Supply Breaker Application
The TD230 is perfectly suited to fit in single sup-
plied applications (ex 0-5V), and can drive only one
power MOSFET used as high side power switch.
Figure 7 shows how TD230 can be used as a
single circuit breaker with the same performances.
In this case, the external components consist in :
one boost inductor, one sense resistor, three ca-
pacitors, and one power MOSFET.
2.5. Typical Telecom Line Cards Protection
Application
One of the typical applications where the TD230
can display all its technical advantages is in an
exchange Telecom Cards protection. Sometimes
fifty cards or more are to be supplied with the same
power supply (+/-5V, 1kW), and a decentralized
protection is needed because one card may be
faulty, but should not penalize the others with un-
adapted protection system. The risk of complete
breakdown of the system must be eradicated.
In this application the two above described over
current causes (external line perturbation or inter-
nal component fault) are likely to happen. In the first
case, the current limitation on each card will ensure
undammagingon-board conditions, and in the sec-
ond case, the faulty card will be disjoncted from the
power supply until reset.
Figure 8 shows a typical telecom application with
decentralized protection.
In this application, the positive power supply serves
the logic control and analog signals whereas the
negative power supply is dedicated to the analog.
TD230
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com