Electronic Components Datasheet Search
  English  ▼

X  

TD340 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TD340
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TD340 Datasheet HTML 8Page - STMicroelectronics TD340 Datasheet HTML 9Page - STMicroelectronics TD340 Datasheet HTML 10Page - STMicroelectronics TD340 Datasheet HTML 11Page - STMicroelectronics TD340 Datasheet HTML 12Page - STMicroelectronics TD340 Datasheet HTML 13Page - STMicroelectronics TD340 Datasheet HTML 14Page - STMicroelectronics TD340 Datasheet HTML 15Page - STMicroelectronics TD340 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TD340
12/21
Microcontroller support
For easy system integration, the TD340 provides the following functions:
- 5V regulator,
- reset circuit,
- watchdog circuit,
- standby mode,
- temperature indicator.
5V regulator
The TD340 provides a 5V regulated voltage at VOUT pin with a maximum current of 20mA over the whole
Vbatt range (6.5 to 16V). Current can be up to 40 mA with nominal 12V Vbatt.
It is mandatory to connect a 220nF capacitor to the 5V output, even if the 5V output is not used, because
the 5V is internally used by the device. 220nF is the optimized value for the voltage regulator.
Reset circuit
The integrated supervisor circuit resets the micro controller as soon as the voltage of the Micro Controller
decreases below 4.2V, and until the voltage of the micro controller has not passed above 4.3V.
RESET output is active low. It features an open drain with a internal 75k pull up resistor to internal 5V
which allows hardwired OR configuration.
Figure 6 : Reset Waveforms
Vth i
Vth d
Vc cm in
Vr e set
Vo u t
t
t
tp h l
zo om
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com