Electronic Components Datasheet Search
  English  ▼

X  

TD340 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TD340
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TD340 Datasheet HTML 10Page - STMicroelectronics TD340 Datasheet HTML 11Page - STMicroelectronics TD340 Datasheet HTML 12Page - STMicroelectronics TD340 Datasheet HTML 13Page - STMicroelectronics TD340 Datasheet HTML 14Page - STMicroelectronics TD340 Datasheet HTML 15Page - STMicroelectronics TD340 Datasheet HTML 16Page - STMicroelectronics TD340 Datasheet HTML 17Page - STMicroelectronics TD340 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TD340
14/21
Standby mode
The TD340 can be put in standby mode under software control. When the STBY pin is driven low, the
MOS drivers are switched off and internal charge pump oscillator is stopped. The 5V regulator, the
watchdog and reset circuits are still active.
There is no pull up/down resistor on the STBY pin. STBY must not be left open.
Power consumption (not including the current drained from the 5V regulator) is reduced to about 200uA.
To achieve this standby current, the 5.6k resistor on the OSC pin has to be disconnected with an external
low power MOS controlled by the STBY signal (see figure 10 for an application example)
Standby mode should be only activated when IN1=IN2=0V and after that the motor is actually stopped
because the four MOS are switched off. On exit from the standby mode, a delay of up to 20ms (depending
upon the bootstrap capacitor value) must be given before applying signals to the IN1 and IN2 inputs to
allow proper startup of the charge pump (it is also true for power-up). Figure 8 shows the voltage across
the Cb bootstrap capacitor at powerup or at standby exit as a function of time.
Figure 8 : Charge pump voltage at startup
Fig. 8a : Cb = 10nF
Fig. 8c : Cb = 100nF
Fig. 8b : Cb = 47nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com