Electronic Components Datasheet Search
  English  ▼

X  

2MP03SF Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2MP03SF
Description  High-Frequency General-Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2MP03SF Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2MP03SF Datasheet HTML 1Page - Sanyo Semicon Device 2MP03SF Datasheet HTML 2Page - Sanyo Semicon Device 2MP03SF Datasheet HTML 3Page - Sanyo Semicon Device 2MP03SF Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2MP03SF
No.8379-1/4
Features
•
High fT : fT=230MHz (typ).
•
Small reverse transfer capacitance : Cre=0.9pF (typ).
•
Low NF : (2.5dB typ)
•
Small package permitting 2MP03SF applied sets to made small and slim.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--30
V
Collector-to-Emitter Voltage
VCEO
--20
V
Emitter-to-Base Voltage
VEBO
--5
V
Collector Current
IC
--30
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2!0.8mm)
150
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--10V, IE=0A
--0.1
µA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--0.1
µA
DC Current Gain
hFE
VCE=--6V, IC=--1mA
60
200
Gain-Bandwidth Product
fT
VCE=--6V, IC=--1mA
150
230
MHz
Reverse Transfer Capacitance
Cre
VCB=--6V, IC=1MHz
0.9
1.7
pF
Noise Figure
NF
VCE=--6V, IC=--1mA, f=100MHz
2.5
dB
Marking : WC
Ordering number : EN8379A
72606 / 32406 MS IM TB-00002140 / 70505AA MS IM TB-00001576
2MP03SF
PNP Epitaxial Planar Silicon Transistor
High-Frequency General-Purpose
Amplifier Applications
SANYO Semiconductors
DATA SHEET
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - 2MP03SF

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
2MP04-012 RMT-2MP04-012 Datasheet
185Kb / 4P
Thermoelectric Module
2MP04-012-10 RMT-2MP04-012-10 Datasheet
185Kb / 4P
Specifications
2MP04-012-12 RMT-2MP04-012-12 Datasheet
185Kb / 4P
Specifications
2MP04-012-15 RMT-2MP04-012-15 Datasheet
185Kb / 4P
Specifications
2MP04-018 RMT-2MP04-018 Datasheet
195Kb / 4P
Specifications
More results

Similar Description - 2MP03SF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2814 SANYO-2SC2814 Datasheet
110Kb / 4P
High-Frequency General-Purpose Amp Applications???
2SC3142 SANYO-2SC3142 Datasheet
136Kb / 5P
High-Frequency General-Purpose Amp Applications????
2SC4432 SANYO-2SC4432 Datasheet
44Kb / 2P
High-Frequency General-Purpose
2SK1065 SANYO-2SK1065 Datasheet
107Kb / 4P
High-Frequency General-Purpose Amp Applications
2SK1066 SANYO-2SK1066 Datasheet
210Kb / 6P
High-Frequency General-Purpose Amp Applications?
2SK242 SANYO-2SK242 Datasheet
130Kb / 5P
High-Frequency, General-Purpose Amp Applications?????????????
2SK436 SANYO-2SK436 Datasheet
162Kb / 6P
High-Frequency,Low-Frequency General-Purpose Amp Applications
2SK937 SANYO-2SK937 Datasheet
70Kb / 3P
High-Frequency General-Purpose Amp Applications?
3SK180 SANYO-3SK180 Datasheet
123Kb / 4P
High-Frequency General-Purpose Amp Applications???
logo
ON Semiconductor
2SC4399 ONSEMI-2SC4399 Datasheet
98Kb / 5P
High-Frequency General-Purpose Amplifier Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com