Electronic Components Datasheet Search
  English  ▼

X  

2MP03SF Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2MP03SF
Description  High-Frequency General-Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2MP03SF Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2MP03SF Datasheet HTML 1Page - Sanyo Semicon Device 2MP03SF Datasheet HTML 2Page - Sanyo Semicon Device 2MP03SF Datasheet HTML 3Page - Sanyo Semicon Device 2MP03SF Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2MP03SF
No.8379-3/4
IT09807
0
20
40
60
80
100
120
140
160
0
50
100
150
200
VCE(sat) -- IC
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
PG, NF -- IC
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
VCE= --6V
f=100MHz
PG
NF
IT09923
--0.1
--1.0
7
22
35
--10
72
33
5
8
12
10
14
16
0
2
4
6
PC -- Ta
Ambient Temperature, Ta --
°C
Mounted
on
a ceramic
board
(600mm
2!
0.8mm)
IT09542
IT09541
--1.0
2
75
7
32
5
3
--10
7
1.0
5
5
3
2
7
--1.0
25
7
--10
2
35
3
7
1.0
5
3
3
2
f=1MHz
IT09922
f=1MHz
57
--10
2
--1.0
23
5
3
--0.1
7
7
5
3
5
2
--1.0
IC / IB=10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com