Electronic Components Datasheet Search
  English  ▼

X  

TDA0161FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA0161FP
Description  PROXIMITY DETECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA0161FP Datasheet(HTML) 2 Page - STMicroelectronics

  TDA0161FP Datasheet HTML 1Page - STMicroelectronics TDA0161FP Datasheet HTML 2Page - STMicroelectronics TDA0161FP Datasheet HTML 3Page - STMicroelectronics TDA0161FP Datasheet HTML 4Page - STMicroelectronics TDA0161FP Datasheet HTML 5Page - STMicroelectronics TDA0161FP Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
TDA0161DP
-40
oC< Tamb < +100oC
TDA0161FP
-40
oC< Tamb < +100oC
Ptot < 150mW, unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4
35
V
Reverse Voltage Limitation (ICC = -100 mA)
TDA0161
1
V
ICC
Supply Current, Close Target (Tamb = +25
oC)
+4V < VCC < +35V
TDA0161
8
10
12
mA
ICC
Supply Current, Remote Target
+4V < VCC < +35V
TDA0161
1
mA
Supply Current Transition Time
C3 = 0
C3
≠ 0
1
(100 x C3 (nF))
µs
fosc
Oscillator Tuning Frequency
10
MHz
fO
Output Frequency (C3 = 0)
0
10
kHz
∆ICC
Output Current Ripple - C3 = 0, C2 (pF) > 150/fosc (MHz)
20
µA
Rn
Negative Resistance on Terminals A and E
4k
Ω < R1 < 50kΩ,fosc< 3 MHz
0.9 R1
R1
1.1 R1
Hyst
Hysteresis at Detection Point C2 (Pf) > 150/fosc (MHz)
0.5
5
%
* If the circuit is used at a frequency higher than 3MHz, it is recommended to connect a capacitor of 100pF between terminals E and D.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
35
V
Tj
Junction Temperature
+150
oC
Tstg
Storage Temperature Range
–55 to +150
oC
OPERATING MODE
Between terminals A and E, the integrated circuit
acts like a negative resistance equal to the external
resistor R1 connected between terminals B and H.
The oscillation stops when loss resistance Rp of
tuned circuit becomes smaller than R1. Then, the
supply current will be ICC = 10mA (pins G and D).
The oscillation sustains when loss resistance Rp of
tuned circuit becomes higher than R1. Then, the
supply current will be ICC 1mA (pins G and D).
Eddy currents induced by coil L1 in a metallic body,
determine loss resistance Rp.
TDA0161
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com